Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS22917DBVT Datasheet HTML 1Page - Texas Instruments TPS22917DBVT Datasheet HTML 2Page - Texas Instruments TPS22917DBVT Datasheet HTML 3Page - Texas Instruments TPS22917DBVT Datasheet HTML 4Page - Texas Instruments TPS22917DBVT Datasheet HTML 5Page - Texas Instruments TPS22917DBVT Datasheet HTML 6Page - Texas Instruments TPS22917DBVT Datasheet HTML 7Page - Texas Instruments TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
VOUT
2
QOD
3
CT
4
ON
5
GND
6
VIN
3
TPS22917
www.ti.com
SLVSDW8A – SEPTEMBER 2017 – REVISED FEBRUARY 2018
Product Folder Links: TPS22917
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VIN
I
Switch input.
2
GND
—
Device ground.
3
ON
I
Active high switch control input. Do not leave floating.
4
CT
O
Switch slew rate control. Connect capacitor from this pin to VIN to inrease output slew
rate and turn on time. Can be left floating for fastest timing.
5
QOD
O
Quick Output Discharge pin. This functionality can be enabled in one of three ways.
•
Placing an external resistor between VOUT and QOD
•
Tying QOD directly to VOUT and using the internal resistor value (RPD)
•
Disabling QOD by leaving pin floating
See the Fall Time (tFALL) and Quick Output Discharge (QOD) section for more
information.
6
VOUT
O
Switch output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com