Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS22917DBVT Datasheet HTML 1Page - Texas Instruments TPS22917DBVT Datasheet HTML 2Page - Texas Instruments TPS22917DBVT Datasheet HTML 3Page - Texas Instruments TPS22917DBVT Datasheet HTML 4Page - Texas Instruments TPS22917DBVT Datasheet HTML 5Page - Texas Instruments TPS22917DBVT Datasheet HTML 6Page - Texas Instruments TPS22917DBVT Datasheet HTML 7Page - Texas Instruments TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
+
±
CIN
VIN
CT
CT
TPS22917
ON
RQOD
CL
RL
VIN
VOUT
QOD
H
L
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22917
SLVSDW8A – SEPTEMBER 2017 – REVISED FEBRUARY 2018
TPS22917 1 V–5.5-V, 2-A, 80-mΩ Ultra-Low Leakage Load Switch
1
1 Features
1
•
Input Operating Voltage Range (VIN): 1 V to 5.5 V
•
Maximum Continuous Current (IMAX): 2 A
•
On-Resistance (RON):
–
5 VIN = 80 mΩ (Typical)
–
1.8 VIN = 120 mΩ (Typical)
–
1 VIN = 220 mΩ (Typical)
•
Ultra-Low Power Consumption:
–
ON State (IQ): 0.5 µA (Typical)
–
OFF State (ISD): 10 nA (Typical)
•
Smart ON Pin Pull Down (RPD):
–
ON
≥ VIH (ION): 10 nA (Maximum)
–
ON
≤ VIL (RPD): 750 kΩ (Typical)
•
Adjustable Turn ON Limits Inrush Current (tON):
–
5-V tON = 100 μs at 72 mV/μs (CT = Open)
–
5-V tON = 4000 μs at 2.3 mV/μs (CT = 1000 pF)
•
Adjustable Output Discharge and Fall Time:
–
Optional QOD Resistance
≥ 150 Ω (Internal)
•
Always-ON True Reverse Current Blocking (RCB):
–
Activation Current (IRCB): –500 mA (Typical)
–
Reverse Leakage (IIN,RCB): –1 µA (Maximum)
2 Applications
•
Industrial Systems
•
Set Top Box
•
Blood Glucose Meters
•
Electronic Point of Sale
3 Description
The TPS22917 device is a small, single channel load
switch utilizing a low leakage P-Channel MOSFET for
minimum power loss. Advanced gate control design
supports operating voltages as low as 1 V with
minimal increase in ON-Resistance and power loss.
The Rise and Fall times can be independently
adjusted with external components for system level
optimizations. The timing capacitor (CT) and turn on
time can be adjusted to manage inrush current
without adding unnecessary system delays. The
output discharge resistance (QOD) can be used to
adjust the output fall time. Connect the QOD pin
directly to the output for a fastest fall time or leave it
open for the slowest fall time.
The switch ON state is controlled by a digital input
that can interface directly with low-voltage control
signals. When power is first applied, a Smart Pull
Down is used to keep the ON pin from floating until
system sequencing is complete. Once the ON pin is
deliberately driven high (
≥VIH), the Smart Pull Down
(RPD) is disconnected to prevent unnecessary power
loss.
The TPS22917 device is available in a small, leaded
SOT-23
package
(DBV)
which
allows
visual
inspection
of
solder
joints.
The
device
is
characterized for operation over a temperature range
of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22917
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TPS22917DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917DBVT TI-TPS22917DBVT Datasheet
2Mb / 29P
TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917DBVT TI2-TPS22917DBVT Datasheet
1Mb / 29P
TPS22917x 1 V–5.5-V, 2-A, 80-mΩ Ultra-Low Leakage Load Switch
REVISED DECEMBER 2021
TPS22917DBVT.A TI2-TPS22917DBVT.A Datasheet
1Mb / 29P
TPS22917x 1 V–5.5-V, 2-A, 80-mΩ Ultra-Low Leakage Load Switch
REVISED DECEMBER 2021
More results

Similar Description - TPS22917DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
Ultra-Low Leakage Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI1-TPS22917 Datasheet
203Kb / 14P
1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com