Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 4Page - Texas Instruments TPS22917DBVT Datasheet HTML 5Page - Texas Instruments TPS22917DBVT Datasheet HTML 6Page - Texas Instruments TPS22917DBVT Datasheet HTML 7Page - Texas Instruments TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments TPS22917DBVT Datasheet HTML 10Page - Texas Instruments TPS22917DBVT Datasheet HTML 11Page - Texas Instruments TPS22917DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
40
D008
105 qC
85 qC
25 qC
-40 qC
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
50
100
150
200
250
300
D010
105 °C
85 °C
25 °C
40 °C
VIN (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
50
100
150
200
250
300
350
400
450
500
550
600
D009
105°C
85°C
25°C
40°C
8
TPS22917
SLVSDW8A – SEPTEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS22917
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.7.2 Typical Switching Characteristics
The typical data in this section apply at 25°C with a load of CL = 1 μF, RL = 10 Ω, and QOD shorted to VOUT unless
otherwise noted.
Figure 7. Turn On Time (CT = Open)
Figure 8. Turn On at 5 V (CT = Open)
Figure 9. Rise Time (CT = Open)
Figure 10. Turn On at 3.6 V (CT = Open)
Figure 11. Slew Rate (CT = Open)
Figure 12. Turn On at 1 V (CT = Open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com