Electronic Components Datasheet Search
  English  ▼

X  

TPS22917DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917DBVT
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22917DBVT Datasheet HTML 2Page - Texas Instruments TPS22917DBVT Datasheet HTML 3Page - Texas Instruments TPS22917DBVT Datasheet HTML 4Page - Texas Instruments TPS22917DBVT Datasheet HTML 5Page - Texas Instruments TPS22917DBVT Datasheet HTML 6Page - Texas Instruments TPS22917DBVT Datasheet HTML 7Page - Texas Instruments TPS22917DBVT Datasheet HTML 8Page - Texas Instruments TPS22917DBVT Datasheet HTML 9Page - Texas Instruments TPS22917DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
TPS22917
SLVSDW8A – SEPTEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS22917
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
SRON is the fastest Slew Rate during the turn on time (tON)
(2)
Output may not discharge completely if QOD is not connected to VOUT.
6.6 Switching Characteristics
Unless otherwise noted, the typical characteristics in the following table applies over the entire recommended power supply
voltage range of 1 V to 5.5 V at 25°C with a load of CL = 1 µF, RL = 10 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turn ON Time
VIN = 5.0 V
CT = Open
100
µs
CT ≥ 100 pF
4
µs/pF
VIN = 3.6 V
CT = Open
120
µs
CT ≥ 100 pF
3.8
µs/pF
VIN = 1.8 V
CT = Open
200
µs
CT ≥ 100 pF
3.6
µs/pF
VIN = 1.2 V
CT = Open
300
µs
CT ≥ 200 pF
3.4
µs/pF
VIN = 1.0 V
CT = Open
400
µs
CT ≥ 400 pF
3
µs/pF
tR
Output Rise Time
VIN = 5.0 V
CT = Open
55
µs
CT ≥ 100 pF
1.8
µs/pF
VIN = 3.6 V
CT = Open
65
µs
CT ≥ 100 pF
1.6
µs/pF
VIN = 1.8 V
CT = Open
100
µs
CT ≥ 100 pF
1.2
µs/pF
VIN = 1.2 V
CT = Open
150
µs
CT ≥ 200 pF
0.95
µs/pF
VIN = 1.0 V
CT = Open
200
µs
CT ≥ 400 pF
0.6
µs/pF
SRON
Turn ON Slew Rate(1)
VIN = 5.0 V
CT = Open
72
mV/µs
CT ≥ 100 pF
2300
(mV/µs)*pF
VIN = 3.6 V
CT = Open
44
mV/µs
CT ≥ 100 pF
1900
(mV/µs)*pF
VIN = 1.8 V
CT = Open
14
mV/µs
CT ≥ 100 pF
1100
(mV/µs)*pF
VIN = 1.2 V
CT = Open
6.2
mV/µs
CT ≥ 200 pF
1000
(mV/µs)*pF
VIN = 1.0 V
CT = Open
3.9
mV/µs
CT ≥ 400 pF
1100
(mV/µs)*pF
tOFF
Turn OFF Time
10
µs
tFALL
Output Fall Time(2)
RL = 10 Ω
CL = 1uF, RQOD = Short
22
µs
RL = Open
CL = 10uF, RQOD = Short
3.8
ms
CL = 10uF, RQOD = 100 Ω
5.9
ms
CL = 220uF, RQOD = Short
72
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com