Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25221DBVT
Description  2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS25221DBVT Datasheet HTML 1Page - Texas Instruments TPS25221DBVT Datasheet HTML 2Page - Texas Instruments TPS25221DBVT Datasheet HTML 3Page - Texas Instruments TPS25221DBVT Datasheet HTML 4Page - Texas Instruments TPS25221DBVT Datasheet HTML 5Page - Texas Instruments TPS25221DBVT Datasheet HTML 6Page - Texas Instruments TPS25221DBVT Datasheet HTML 7Page - Texas Instruments TPS25221DBVT Datasheet HTML 8Page - Texas Instruments TPS25221DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
OUT
6
IN
2
ILIM
5
GND
3
FAULT
4
EN
Not to scale
Thermal
Pad
1
IN
6
OUT
2
GND
5
ILIM
3
EN
4
FAULT
Not to scale
3
TPS25221
www.ti.com
SLVSDT3 – JANUARY 2018
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
MAX
OPERATING
CURRENT
OUTPUT DISCHARGE
ENABLE
CURRENT LIMIT
LATCH OFF
BASE PART NUMBER
2
N
High
Adjustable
N
TPS25221DBV
2
N
High
Adjustable
N
TPS25221DRV
6 Pin Configuration and Functions
DBV PACKAGE
SOT-23 6-Pin
Top View
DRV PACKAGE
WSON 6-Pin
Top View
Pin Functions
PIN
I/O
DESCRIPTION
DBV NO.
DRV NO.
NAME
1
6
IN
I
Input voltage and power switch drain; connect a 0.1 μF or greater ceramic capacitor
from IN to GND close to IC
2
5
GND
Ground connection.
3
4
EN
I
Enable input, logic high/low turns on power switch
4
3
FAULT
O
Active-low open-drain output, asserted during over-current, or over-temperature
conditions.
5
2
ILIM
O
External resistor used to set current limit threshold.
6
1
OUT
O
Power switch output, connect to load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com