Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25221DBVT
Description  2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS25221DBVT Datasheet HTML 1Page - Texas Instruments TPS25221DBVT Datasheet HTML 2Page - Texas Instruments TPS25221DBVT Datasheet HTML 3Page - Texas Instruments TPS25221DBVT Datasheet HTML 4Page - Texas Instruments TPS25221DBVT Datasheet HTML 5Page - Texas Instruments TPS25221DBVT Datasheet HTML 6Page - Texas Instruments TPS25221DBVT Datasheet HTML 7Page - Texas Instruments TPS25221DBVT Datasheet HTML 8Page - Texas Instruments TPS25221DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
TPS25221
SLVSDT3 – JANUARY 2018
www.ti.com
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range on IN, OUT, EN, FAULT,ILIM
–0.3
6
V
Voltage range from IN to OUT
–6
6
Continuous FAULT sink current
0
25
mA
ILIM source current
0
1
mA
Maximum junction temperature, Tj
Internally Limited
Storage temperature, Tstg
TBD
TBD
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
Surges per EN61000-4-2. 1999 applied to output terminals of EVM. These are passing tests levels, not failure threshold.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
V
IEC 61000-4-2 contact discharge(3)
±8000
V
IEC 61000-4-2 air-gap discharge(3)
±15000
V
7.3 Recommended Operating Conditions
Voltages are respect to GND (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply voltage
IN
2.5
5.5
V
VEN
Input voltage
EN
0
5.5
V
VIH
High-level input voltage
EN
1.7
V
VIL
Low-level input voltage
EN
0.66
V
ICON
Output continuous current
OUT
0
2
A
RILIM
Current-limit threshold resistor range (nominal 1%) from ILIM to GND
20
210
kΩ
I/FAULT
Sink current into FAULT
FAULT
0
10
mA
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS25221
UNIT
DBV (SOT-23)
DRV (WSON)
6-PIN
6-PIN
RθJA
Junction-to-ambient thermal resistance
167.8
72
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
104.8
85.3
°C/W
RθJB
Junction-to-board thermal resistance
47
41.3
°C/W
ψJT
Junction-to-top characterization parameter
31.4
1.7
°C/W
ψJB
Junction-to-board characterization parameter
47
41.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
--
11.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com