Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25221DBVT
Description  2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS25221DBVT Datasheet HTML 2Page - Texas Instruments TPS25221DBVT Datasheet HTML 3Page - Texas Instruments TPS25221DBVT Datasheet HTML 4Page - Texas Instruments TPS25221DBVT Datasheet HTML 5Page - Texas Instruments TPS25221DBVT Datasheet HTML 6Page - Texas Instruments TPS25221DBVT Datasheet HTML 7Page - Texas Instruments TPS25221DBVT Datasheet HTML 8Page - Texas Instruments TPS25221DBVT Datasheet HTML 9Page - Texas Instruments TPS25221DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
110
120
D001
Package
DBV
DRV
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.015
0.02
0.025
0.03
0.035
D001
VIN = 2.5 V
VIN = 6 V
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
D001
Input Voltage
2.5 V
5 V
5.5 V
6 V
6
TPS25221
SLVSDT3 – JANUARY 2018
www.ti.com
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Typical Characteristics
See Figure 13 for reference schematic
Figure 1. Supply Current vs Junction Temperature
Figure 2. Supply Current vs. Junction Temperature
Figure 3. On-Resistance vs. Junction Temperature
Figure 4. Turnon Delay and Rise Time
Figure 5. Turnoff Delay and Fall Time
Figure 6. Device Enabled into Short-Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com