Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25221DBVT
Description  2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS25221DBVT Datasheet HTML 5Page - Texas Instruments TPS25221DBVT Datasheet HTML 6Page - Texas Instruments TPS25221DBVT Datasheet HTML 7Page - Texas Instruments TPS25221DBVT Datasheet HTML 8Page - Texas Instruments TPS25221DBVT Datasheet HTML 9Page - Texas Instruments TPS25221DBVT Datasheet HTML 10Page - Texas Instruments TPS25221DBVT Datasheet HTML 11Page - Texas Instruments TPS25221DBVT Datasheet HTML 12Page - Texas Instruments TPS25221DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
TPS25221
www.ti.com
SLVSDT3 – JANUARY 2018
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TPS25221 is current-limited, power-distribution switch using N-channel MOSFETs for applications where
short circuits or heavy capacitive loads are encountered. The TPS25221 has an adjustable current limit up to 2.7
A.
This device incorporates an internal charge pump and the gate drive circuitry necessary to drive the N-channel
MOSFET. The charge pump supplies power to the driver circuit and provides the necessary voltage to pull the
gate of the MOSFET above the source. The charge pump operates from input voltages as low as 2.5 V and
requires little supply current. The driver controls the gate voltage of the power switch. The driver incorporates
circuitry that controls the rise and fall times of the output voltage to limit large current and voltage surges and
provides built-in soft-start functionality.
The TPS25221 limits the output current to the current-limit threshold (set by external resistor for TPS25221) IOS
during an overcurrent or short-circuit event by reducing the charge pump voltage driving the N-channel MOSFET
and operating it in the linear range of operation. The result of limiting the output current to IOS reduces the
output voltage at OUT because N-channel MOSFET is no longer fully enhanced.
9.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com