Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1568
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1568 Datasheet HTML 3Page - Linear Technology LT1568 Datasheet HTML 4Page - Linear Technology LT1568 Datasheet HTML 5Page - Linear Technology LT1568 Datasheet HTML 6Page - Linear Technology LT1568 Datasheet HTML 7Page - Linear Technology LT1568 Datasheet HTML 8Page - Linear Technology LT1568 Datasheet HTML 9Page - Linear Technology LT1568 Datasheet HTML 10Page - Linear Technology LT1568 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1568
7
1568f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Crosstalk vs Frequency
fCUTOFF = 1MHz
Crosstalk vs Frequency
fCUTOFF = 10MHz
TEMPERATURE (
°C)
–40
15
20
25
30
35
40
–25
025
1568 G01
50
75 85
VS = ±5V
VS = 5V
VS = 3V
FREQUENCY (Hz)
–110
–100
–95
–85
–80
1k
100k
1M
10M
1568 G02
–120
10k
–90
–105
–115
OUTA, OUTB
OUTA, OUTB
VIN = 2VP-P
VS = 5V
FREQUENCY (Hz)
–90
–70
–50
–100
–80
–60
10k
1M
10M
100M
1568 G03
–110
100k
OUTA, OUTB
OUTA, OUTB
VIN = 2VP-P
VS = 5V
Distortion vs Frequency
VS = ±5V, fCUTOFF = 5MHz
FREQUENCY (Hz)
200k
–90
–85
–80
–75
–70
2ND
–60
1M
5M
1568 G04
–65
RL = 400Ω
VIN = 2VP-P
3RD
Distortion vs Frequency
VS = ±5V, fCUTOFF = 10MHz
FREQUENCY (Hz)
500k
1M
–90
–65
–60
–55
–50
–85
–80
–75
–70
2ND
3RD
10M
1568 G05
–45
RL = 400Ω
VIN = 1VP-P
Distortion vs Output Voltage Swing
VS = ±5V, fCUTOFF = 5MHz
OUTA (VP-P)
0
–60
–50
–40
8
1568 G06
–70
–80
–65
–55
–45
–75
–85
–90
2
4
6
19
3
5
7
10 11
2ND
3RD
RL = 400Ω
fIN = 2.5MHz
Distortion vs Output Voltage Swing
VS = 5V, fCUTOFF = 5MHz
OUTA (VP-P)
0
–90
–80
–70
–60
1
2
34
1568 G07
5
–50
–40
–85
–75
–65
2ND
3RD
–55
–45
6
RL = 400Ω
fIN = 2.5MHz
Distortion vs Output Voltage Swing
VS = 3V, fCUTOFF = 5MHz
OUTA (VP-P)
0
–90
–80
–70
–60
2ND
3RD
–50
–40
–30
12
3
4
1568 G08
RL = 400Ω
fIN = 2.5MHz
Power Supply Rejection
vs Frequency
FREQUENCY (Hz)
20
40
60
70
10k
1M
10M
100M
1568 G09
0
100k
50
30
10
OUTA, OUTB
OUTA, OUTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com