Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1568
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1568 Datasheet HTML 8Page - Linear Technology LT1568 Datasheet HTML 9Page - Linear Technology LT1568 Datasheet HTML 10Page - Linear Technology LT1568 Datasheet HTML 11Page - Linear Technology LT1568 Datasheet HTML 12Page - Linear Technology LT1568 Datasheet HTML 13Page - Linear Technology LT1568 Datasheet HTML 14Page - Linear Technology LT1568 Datasheet HTML 15Page - Linear Technology LT1568 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1568
13
1568f
Table 2. Resistor Values in Ohms, Dual 2nd Order Lowpass
Chebyshev,
±0.25dB Passband Ripple, Gain = 1, R11 = R12,
R21 = R22, R31 = R32
fCUTOFF (MHz)
R11, R21
R31
1
976
Ω
825
Ω
2
475
Ω
412
Ω
3
316
Ω
274
Ω
4
226
Ω
205
Ω
5
178
Ω
165
Ω
6
143
Ω
137
Ω
7
121
Ω
118
Ω
FREQUENCY (MHz)
0.1
–50
–40
–30
–20
–10
110
20
1568 TA09
–60
–70
–80
–90
0
10
Amplitude Response 2nd Order Lowpass Chebyshev,
±0.25dB Passband Ripple, fCUTOFF = 1MHz
Transient Response 2nd Order Lowpass Chebyshev,
±0.25dB Passband Ripple, fCUTOFF = 1MHz
INPUT
500mV/DIV
OUTPUT
200mV/DIV
1
µs/DIV
1568 TA10
DUAL 2nd ORDER LOWPASS FILTER DESIG S
Table 3. Resistor Values in Ohms, Dual 2nd Order Lowpass
Bessel, Gain = 1
fCUTOFF (MHz)
R11, R21
R31
1
866
Ω
1180
Ω
2
422
Ω
590
Ω
3
280
Ω
383
Ω
4
210
Ω
287
Ω
5
165
Ω
232
Ω
6
137
Ω
191
Ω
7
115
Ω
162
Ω
Amplitude Response
2nd Order Lowpass Bessel, fCUTOFF = 1MHz
FREQUENCY (MHz)
0.1
–50
–40
–30
–20
–10
110
20
1568 TA11
–60
–70
–80
–90
0
10
Transient Response
2nd Order Lowpass Bessel, fCUTOFF = 1MHz
INPUT
500mV/DIV
OUTPUT
200mV/DIV
1
µs/DIV
1568 TA12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com