Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1568
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568 Datasheet(HTML) 2 Page - Linear Technology

  LT1568 Datasheet HTML 1Page - Linear Technology LT1568 Datasheet HTML 2Page - Linear Technology LT1568 Datasheet HTML 3Page - Linear Technology LT1568 Datasheet HTML 4Page - Linear Technology LT1568 Datasheet HTML 5Page - Linear Technology LT1568 Datasheet HTML 6Page - Linear Technology LT1568 Datasheet HTML 7Page - Linear Technology LT1568 Datasheet HTML 8Page - Linear Technology LT1568 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1568
2
1568f
Total Supply Voltage (V+ to V–) ........................... 11.6V
Input Voltage on INVA, INVB, GNDA and
GNDB Pins ....................................................... V+ to V–
Input Current on INVA, INVB, GNDA and
GNDB Pins (Note 2) ...........................................
±10mA
Output Short-Circuit Duration on OUTA, OUTB, OUTA
and OUTB Pins ............................................... Indefinite
Maximum Continuous Output Current (Note 3)
DC ...............................................................
±100mA
Specified Temperature Range (Note 9)
LT1568C ............................................ – 40
°C to 85°C
LT1568I ............................................. – 40
°C to 85°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1568CGN
LT1568IGN
TJMAX = 150°C, θJA = 135°C/W
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications and typical values are at TA = 25°C. VS = single 5V, EN pin to logic “low,” RL = 400Ω,
connected to midsupply, RFIL = R11 = R21 = R31 = R12 = R22 = R32, unless otherwise noted (see Block Diagram).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Total Supply Voltage
q
2.7
11
V
IS
Supply Current
VS = 3V
q
24
35
mA
VS = 5V
q
26
36
mA
VS = ±5V
q
28
38
mA
Shutdown Supply Current
VS = 3V, VEN = 2.4V
q
0.3
1.0
mA
VS = 5V, VEN = 4.4V
q
0.5
1.3
mA
VS = ±5V, VEN = 4.4V
q
1.0
2.5
mA
Output Voltage Swing High
VS = 3V, RFIL = 1.28k, RL = 1k
q
2.75
2.85
V
(OUTA, OUTA, OUTB, OUTB Pins)
VS = 5V, RFIL = 1.28k, RL = 1k
q
4.60
4.80
V
VS = 5V, RFIL = 128Ω, RL = 400Ω
q
4.50
4.65
V
VS = ±5V, RFIL = 1.28k, RL = 1k
q
4.60
4.75
V
Output Voltage Swing Low
VS = 3V, RFIL = 1.28k, RL = 1k
q
0.05
0.12
V
(OUTA, OUTA, OUTB, OUTB Pins)
VS = 5V, RFIL = 1.28k, RL = 1k
q
0.07
0.15
V
VS = 5V, RFIL = 128Ω, RL = 400Ω
q
0.20
0.40
V
VS = ±5V, RFIL = 1.28k, RL = 1k
q
–4.7
V
IOUT
Maximum Output Current
±80
mA
Op Amp Input Offset Voltage
VS = 3V
q
–2.5
–0.5
1.5
mV
VS = 5V
q
–2.5
0.2
2.5
mV
VS = ±5V
q
–2.0
1.2
4.5
mV
Inverter Output Offset Voltage
VS = 3V
q
–2
2.5
7.0
mV
VS = 5V
q
–10
0.6
4.5
mV
VS = ±5V
q
–12
–4.0
2.0
mV
ELECTRICAL CHARACTERISTICS
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
V+
INVA
SA
OUTA
OUTA
GNDA
NC
V–
V+
INVB
SB
OUTB
OUTB
GNDB
EN
V–
GN PART
MARKING
1568
1568I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com