Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1568
Description  Very Low Noise, High Frequency Active RC, Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1568 Datasheet(HTML) 3 Page - Linear Technology

  LT1568 Datasheet HTML 1Page - Linear Technology LT1568 Datasheet HTML 2Page - Linear Technology LT1568 Datasheet HTML 3Page - Linear Technology LT1568 Datasheet HTML 4Page - Linear Technology LT1568 Datasheet HTML 5Page - Linear Technology LT1568 Datasheet HTML 6Page - Linear Technology LT1568 Datasheet HTML 7Page - Linear Technology LT1568 Datasheet HTML 8Page - Linear Technology LT1568 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1568
3
1568f
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications and typical values are at TA = 25°C. VS = single 5V, EN pin to logic “low,” RL = 400Ω,
connected to midsupply, RFIL = R11 = R21 = R31 = R12 = R22 = R32, unless otherwise noted (see Block Diagram).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Op Amp Input Bias Current
VS = 3V
q
0.5
2
µA
VS = 5V
q
0.4
2
µA
VS = ±5V
q
–0.2
2
µA
Inverter Bandwidth (Note 4)
55
MHz
Inverter Gain (Sections A and B, Note 5)
Frequency = DC
q
–0.2
0.01
0.2
dB
Frequency = 2MHz
0.01
dB
Frequency = 10MHz
0.27
dB
Inverter Phase Shift (Sections A and B,
Frequency = DC
180
DEG
Note 5)
Frequency = 2MHz
179
DEG
Frequency = 10MHz
176
DEG
SR
Slew Rate (OUTA, OUTB, OUTA,
53
V/
µs
OUTB) Pins
VCM
Common Mode Input Voltage Range
VS = 3V
1 to 1.9
V
(GNDA and GNDB Pins, Note 6)
VS = ±5V
–3.4 to 2.7
V
Single Supply GND Reference Voltage
VS = 5V, GNDA Tied to GNDB
2.5
V
VIL
EN Input Logic Low Level
VS = 3V, 5V or ±5V
q
V+ – 2.1
V
VIH
EN Input Logic High Level
VS = 3V, 5V or ±5V
q
V+ – 0.6
V
EN Input Pull-Up Resistor
30
40
k
Ω
tDIS
Disable (Shutdown) Time
EN Pin Steps from 0V to V+
20
µs
tEN
Enable (Start-Up) Time
EN Pin Steps from V+ to 0V
100
µs
ELECTRICAL CHARACTERISTICS
Specifications are for the output (OUTA or OUTB) of a
single 2nd order section (A or B) with respect to VGND = VGNDA = VGNDB,
gain = –1, RFIL = R11 = R21 = R31 = R12 = R22 = R32, (see Block Diagram). The q denotes the specifications which apply over the
full operating temperature range, otherwise specifications and typical values are at TA = 25°C. VS = single 5V, EN pin to logic “low,”
RL = 400Ω, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADC
DC Gain
q
–1.01
–1
–0.99
V/V
VOS(OUT)
DC Offset Voltage
VS = 3V, fC = 1MHz, RFIL = 1.28k
q
–5
2.6
15
mV
(VOUTA – VGNDA) or (VOUTB – VGNDB)VS = 5V, fC = 1MHz, RFIL = 1.28k
q
–10
0.6
10
mV
VS = ±5V, fC = 1MHz, RFIL = 1.28k
q
–12
–4.0
4
mV
∆VOS(OUT)
DC Offset Voltage Mismatch
VS = 3V, fC = 1MHz, RFIL = 1.28k
q
–8
±48
mV
(VOUTA – VGNDA) – (VOUTB – VGNDB)VS = 5V, VS = ±5V, fC = 1MHz, RFIL = 1.28k
q
–10
±410
mV
Transfer Function Characteristics for Each Section (A or B) to Single-Ended Output (OUTA or OUTB)
fC
Cutoff Frequency Range (Note 7)
VS = 3V, VS = 5V, VS = ±5V
q
0.2
10
MHz
TC
Cutoff Frequency Temperature Coefficient
q
±1
ppm/
°C
FILTER ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com