Electronic Components Datasheet Search
  English  ▼

X  

LT1880 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1880 Datasheet HTML 3Page - Linear Technology LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology LT1880 Datasheet HTML 10Page - Linear Technology LT1880 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1880
7
VOUT
(20mV/DIV)
TIME (2
µs/DIV)
1880 G22
AV = 1
CL = 500pF
Small Signal Response
VOUT
(5V/DIV)
TIME (50
µs/DIV)
1880 G23
AV = –1
VOUT
(5V/DIV)
TIME (50
µs/DIV)
1880 G24
AV = 1
Large Signal Response
Large Signal Response
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT
(20mV/DIV)
TIME (2
µs/DIV)
1880 G20
AV = –1
NO LOAD
VOUT
(20mV/DIV)
TIME (2
µs/DIV)
1880 G21
AV = 1
NO LOAD
Small Signal Response
Small Signal Response
Gain vs Frequency
with CLOAD, AV = 1
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
100M
10k
100k
10M
1880 G19
1k
1M
1000pF
0pF
500pF
FREQUENCY (Hz)
10
1k
10k
100k
1880 G17B
100
10
1.0
0.1
0.01
0.001
0.0001
VS = 5V, 0V
VCM = 2.5V
Rf = RG = 1k
VOUT = 2VP-P
RL = 10k
AV = 1
AV = –1
FREQUENCY (MHz)
0.01
1.0
10
100
1880 G17A
0.1
100
10
1.0
0.1
0.01
VS = ±15V
AV = 100
AV = 1
AV = 10
Output Impedance vs Frequency
Total Harmonic Distortion + Noise
vs Frequency
Gain vs Frequency
with CLOAD, AV = –1
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
100M
10k
100k
10M
1880 G18
1k
1M
1000pF
500pF
0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com