Electronic Components Datasheet Search
  English  ▼

X  

LT1880 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 1 Page - Linear Technology

  LT1880 Datasheet HTML 1Page - Linear Technology LT1880 Datasheet HTML 2Page - Linear Technology LT1880 Datasheet HTML 3Page - Linear Technology LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1880
1
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
s
Thermocouple Amplifiers
s
Bridge Transducer Conditioners
s
Instrumentation Amplifiers
s
Battery-Powered Systems
s
Photocurrent Amplifiers
SOT-23, Rail-to-Rail Output,
Picoamp Input Current
Precision Op Amp
Precision Photodiode Amplifier
The LT
®1880 op amp brings high accuracy input perfor-
mance and rail-to-rail output swing to the SOT-23 pack-
age. Input offset voltage is trimmed to less than 150
µVand
the low drift maintains this accuracy over the operating
temperature range. Input bias current is an ultra low
900pA maximum.
The amplifier works on any total power supply voltage
between 2.7V and 36V (fully specified from 5V to
±15V).
Output voltage swings to within 55mV of the negative
supply and 250mV of the positive supply, which makes the
amplifier a good choice for low voltage single supply
operation.
Slew rates of 0.4V/
µs with a supply current of 1.2mA give
superior response and settling time performance in a low
power precision amplifier.
The LT1880 is available in a 5-lead SOT-23 package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
+
–
1880 TA01
S1
C1
39pF
R1
100k, 1%
VS
+
VS
–
OUT
LT1880
VOUT = 0.1V/µA
320
µV OUTPUT OFFSET, WORST CASE OVER 0°C TO 70°C
60kHz BANDWIDTH
5.8
µs RISE TIME, 10% TO 90%, 100mV OUTPUT STEP
52
µVRMS OUTPUT NOISE, MEASURED ON A 100kHz BW
VS = ±1.5V TO ±18V
S1: SIEMENS INFINEON BPW21 PHOTODIODE (~580pF)
Vλ
Distribution of Input Offset Voltage
INPUT OFFSET VOLTAGE (
µV)
–140
35
30
25
20
15
10
5
0
–20
60
1880 TA01b
–100
–60
20
100
140
s
Offset Voltage: 150
µV Max
s
Input Bias Current: 900pA Max
s
Offset Voltage Drift: 1.2
µV/°C Max
s
Rail-to-Rail Output Swing
s
Operates with Single or Split Supplies
s
Open-Loop Voltage Gain: 1 Million Min
s
1.2mA Supply Current
s
Slew Rate: 0.4V/
µs
s
Gain Bandwidth: 1.1MHz
s
Low Noise: 13nV/
√Hz at 1kHz
s
Low Profile (1mm) ThinSOT
TM Package
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1880 LINER-LT1880 Datasheet
392Kb / 38P
Precision Micropower RMS-to-DC Converter
LT1880 LINER-LT1880 Datasheet
233Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
logo
Analog Devices
LT1880 AD-LT1880 Datasheet
764Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
1797fc
logo
Linear Technology
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
More results

Similar Description - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com