Electronic Components Datasheet Search
  English  ▼

X  

LT1880 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 5 Page - Linear Technology

  LT1880 Datasheet HTML 1Page - Linear Technology LT1880 Datasheet HTML 2Page - Linear Technology LT1880 Datasheet HTML 3Page - Linear Technology LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1880
5
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs Common
Mode Voltage
COMMON MODE VOLTAGE (V)
–15
–10
–5
05
1880 G02
10
1000
800
600
400
200
0
–200
–400
–600
–800
–1000
15
IB
+
IB
–
TA = 25°C
TA = –40°C
TA = 85°C
VS = ±15V
TEMPERATURE (
°C)
–55 –35
125
1880 G01
–15
105
25
5
85
65
45
200
150
100
50
0
–50
–100
–150
–200
TEMPCO: –55
°C TO 125°C
10 REPRESENTATIVE UNITS
Input Offset Voltage vs
Temperature
Input Bias Current vs
Temperature
TEMPERATURE (
°C)
–50
–25
0
25
50
1880 G03
75
200
150
100
50
0
–50
–100
–150
–200
–250
–300
100
IB
+
IB
–
VS = ±15V
Output Voltage Swing
vs Load Current
TIME AFTER POWER ON (MIN)
0
6
5
4
3
2
1
0
123
4
1880 G05
5
TA = 25°C
VS = ±15V
VS = ±2.5V
Warm Up Drift
OUTPUT CURRENT (mA)
–10
–0.5
–1.0
–1.5
1.5
1.0
0.5
1880 G04
–2
10
–6
2
–8
–4
0
4
8
6
TA = 25°C
TA = 25°C
TA = 85°C
TA = 85°C
TA = –40°C
TA = –40°C
FREQUENCY (Hz)
1
1
10
100
1000
10
100
1k
1880 G08
VS = ±15V
TA = 25°C
CURRENT NOISE
VOLTAGE NOISE
en, in vs Frequency
0.1 to 10Hz Noise
COMMON MODE VOLTAGE (V)
13.0
14.6
1880 G02A
13.4
13.8
14.2
1000
500
0
–500
–1000
IB
–
IB
+
TA = –45°C
TA = 25°C
TA = 85°C
VS = ±15V
COMMON MODE VOLTAGE (V)
–13.0
–14.6
1880 G02B
–13.4
–13.8
–14.2
1000
500
0
–500
–1000
IB
–
IB
+
TA = –40°C
TA = 25°C
TA = 85°C
VS = ±15V
Input Bias Current vs Common
Mode Near VEE
Input Bias Current vs Common
Mode Near VCC
TIME (SEC)
0
8
1880 G09a
2
4
6
10
VS = ±15V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com