Electronic Components Datasheet Search
  English  ▼

X  

LT1880 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology LT1880 Datasheet HTML 10Page - Linear Technology LT1880 Datasheet HTML 11Page - Linear Technology LT1880 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT1880
10
The transimpedance gain is set to 51.1k
Ω by RF. The
feedback capacitor, CF, may be as large as desired where
response time is not an issue, or it may be selected for
maximally flat response and highest possible bandwidth
given a photodiode capacitance CD. Figure 4 shows a chart
of CF and rise time versus CD for maximally flat response.
Total output offset is below 262
µV, worst-case, over
temperature (0
°C–70°C). With a 5V output swing, this
guarantees a minimum 86dB dynamic range over
temperature (0
°C–70°C), and a full-scale photodiode
current of 98
µA.
Single-Supply Current Source for Platinum RTD
The precision, low bias current input stage of the LT1880
makes it ideal for precision integrators and current sources.
Figure 5 shows the LT1880 providing a simple precision
current source for a remote 1k
Ω RTD on a 4-wire
connection. The LT1634 reference places 1.25V at the
noninverting input of the LT1880, which then maintains its
inverting input at the same voltage by driving 1mA of
current through the RTD and the total 1.25k
Ω of resis-
tance set by R1 and R2. Imprecise components R4 and C1
ensure circuit stability, which would otherwise be exces-
sively dependant on the cable characteristics. R5 is also
noncritical and is included to improve ESD immunity and
decouple any cable capacitance from the LT1880’s output.
The 4-wire cable allows Kelvin sensing of the RTD voltage
while excluding the cable IR drops from the voltage
reading. With 1mA excitation, a 1k
Ω RTD will have 1V
across it at 0
°C, and +3.85mV/°C temperature response.
This voltage can be easily read in myriad ways, with the
best method depending on the temperature region to be
emphasized and the particular ADC that will be reading the
voltage.
0.1
1
10
100
1000
100
10
1
0.1
CD (pF)
CF
RISE TIME
100mV OUTPUT STEP
5V
R3
150k, 1%
LT1634ACS8
-1.25
R1
1.24K
0.1%
R2
10
Ω
1%
C1
0.1
µF
1k
Ω
AT 0
°C
RTD*
R5
180
Ω, 5%
R4
1k, 5%
VOUT = 1.00V AT 0°C + 3.85mV/°C
–50
°C TO 600°C
+
–
5V
*OMEGA F3141 1k
Ω, 0.1% PLATINUM RTD
(800) 826-6342
LT1880
Figure 4. Feedback CF and Rise Time vs Photodiode CD
APPLICATIO S I FOR ATIO
Figure 5. Single Supply Current Source for Platinum RTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com