Electronic Components Datasheet Search
  English  ▼

X  

VSC7182 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC7182
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7182 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC7182 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Advance Product Information
VSC7182
Quad Transceiver
for Gigabit Ethernet and Fibre Channel
Page 12
G52307-0, Rev 2.2
10/10/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 7: Pin Descriptions
Pin
Name
Description
N1, N2, N3
N4, M1, M2,
M3, M4, L1
L2
TA0, TA1, TA2
TA3, TA4, TA5
TA6, TA7, TA8
TA9
INPUT - TTL: 10-Bit Transmit Bus for Channel A. Parallel data on this bus is latched
on the rising edge of RFC, TCC or TCA. TA0 is transmitted first.
J1, J2, J3
J4, H1, H2
H3, H4, G1
G2
TB0, TB1, TB2
TB3, TB4, TB5
TB6, TB7, TB8
TB9
INPUT - TTL: 10-Bit Transmit Bus for Channel B. Parallel data on this bus is latched
on the rising edge of RFC, TCC or TCB. TB0 is transmitted first.
G16, G15, G14
H17, H16, H15
H14, J17, J16
J15
TC0, TC1, TC2
TC3, TC4, TC5
TC6, TC7, TC8
TC9
INPUT - TTL: 10-Bit Transmit Bus for Channel C. Parallel data on this bus is latched
on the rising edge of RFC or TCC. TC0 is transmitted first.
L17, L16, L15
L14, M17, M16
M15, M14, N17
N16
TD0, TD1, TD2
TD3, TD4, TD5
TD6, TD7, TD8
TD9
INPUT - TTL: 10-Bit Transmit Bus for Channel D. Parallel data on this bus is latched
on the rising edge of RFC, TCC or TCD. TD0 is transmitted first.
R2
P3
RFC+
RFC-
INPUT - Differential PECL or TTL: This rising edge of RFC+/- provides the reference
clock, at 1/10th or 1/20th of the baud rate (depending on RFCM) to the Clock
Multiplying PLL. If RFC+/- is used, either leave RFCT open or set RFCT HIGH.
Internally biased to VDD/2. If all TCi inputs are HIGH, the rising edge of RFC will
latch TXi[0:9] on all four channels.
R1
RFCT
INPUT - TTL: TTL Reference Clock. This rising edge of RFCT provides the
reference clock, at 1/10th or 1/20th of the baud rate (depending on RFCM) to the Clock
Multiplying PLL. If RFCT is used, set RFC+ HIGH and leave RFC- open. If all TCi
inputs are HIGH, the rising edge of RFCT will latch TXi[0:9] on all four channels
P2
RFCM
INPUT - TTL: Reference Clock Mode Select. When LOW, RFC is at 1/20th of the
transmit baud rate (i.e., 62.5MHz for 1.25Gb/s). When HIGH, RFC is at
1/10th the baud rate (i.e., 125MHz for 1.25Gb/s).
P16
P14
RFCO0
RFCO1
OUTPUT - TTL: These are identical copies of the transmit baud rate clock divided by
10.
K1, F1
K17, P17
TCA, TCB
TCC, TCD
INPUT - TTL: Per Channel Transmit Byte Clock for Channel x. All four channels’
parallel TXi[0:9] inputs may be timed to RFC, TCC, or independently to TCi. Refer to
the Serializer description.
P1
LTCN
INPUT - TTL: Latch Transmit Byte Clocks. When LOW, internal PLLs align clocks
with each of the transmit byte clocks, if present. Data may be corrupted when LOW.
When HIGH, alignment will remain static regardless of actual TCi location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com