Electronic Components Datasheet Search
  English  ▼

X  

VSC7182 Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC7182
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7182 Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC7182 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Advance Product Information
VSC7182
Quad Transceiver
for Gigabit Ethernet and Fibre Channel
Page 14
G52307-0, Rev 2.2
10/10/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
N14
PLUP
INPUT - TTL: Parallel Loopback Enable Input. RXi is input to the CRU for Channel x
(normal operation) when PLUP is LOW. When HIGH, internal loopback paths from
TXi to RXi are enabled. Refer to Table 2.
C9
SLPN
INPUT - TTL: Serial Loopback Enable Input. Normal operation when HIGH. When
LOW, SI+/- is looped back to TXi+/- internally for diagnostic purposes. Refer to Table
2 and related description.
R3
P4
K4
D5
LPNA
LPNB
LPNC
LPND
INPUT - TTL: Loopback Enable Pins. When LPNi is LOW, PLUP/SLPN impact
Channel x. When HIGH, PLUP/SLPN have no effect on Channel x.
R17
SYNC
INPUT - TTL: Enables SYNi and Word Alignment when HIGH. When LOW, keeps
current word alignment and disables SYNi (always LOW).
F2
A4
B10
B15
SYNCA
SYNCB
SYNCC
SYNCD
OUTPUT - TTL: Comma Detect for Channel x. This output goes HIGH for half of an
RCi1 period to indicate that RXi[0:9] contains a “comma” character
(‘0011111XXX’). SYNi will go HIGH only during a cycle when RCi0 is rising. SYNi
is enabled when SYNC is HIGH.
P9
R9
CAP0
CAP1
ANALOG: Loop Filter capacitor for the Clock Multiply Unit. Typically 0.1
µF
connected between CAP0 and CAP1. Amplitude is less than 3.3V.
T17
TCK
INPUT - TTL: JTAG Test Clock
D9
TMS
INPUT - TTL: JTAG Test Mode Select
R15
TRSTN
INPUT - TTL: JTAG Test Reset, Active LOW
P15
TDI
INPUT - TTL: JTAG Test Data Input
K2
TDO
OUTPUT - TTL: JTAG Test Data Output
T9
VDDA
Analog Power Supply
R8
VSSA
Analog Ground. Tie to common ground plane with VSS.
A2,A10,C14
G4,J14,K16
L4,N15,R4
R14,T3
T4,T14,U5
VDD
Digital Logic Power Supply
C4, D3,F3
A9, B7, C5
A13, A16, C11
C15, E14, G17
VDDT
TTL Output Power Supply
T5
T7
T11
T13
VDDPA
VDDPB
VDDPC
VDDPD
PECL I/O Power Supply for Channel x.
Pin
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com