Electronic Components Datasheet Search
  English  ▼

X  

VSC7182 Datasheet(PDF) 18 Page - Vitesse Semiconductor Corporation

Part # VSC7182
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7182 Datasheet(HTML) 18 Page - Vitesse Semiconductor Corporation

Back Button VSC7182 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Advance Product Information
VSC7182
Quad Transceiver
for Gigabit Ethernet and Fibre Channel
Page 18
G52307-0, Rev 2.2
10/10/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device type and package type.
Notice
This document contains information about a new product during its fabrication or early sampling phase of development. The
information in this document is based on design targets, simulation results or early prototype test results. Characteristic data and
other specifications are subject to change without notice. Therefore the reader is cautioned to confirm that this data sheet is current
prior to design or order placement.
Warning
Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices or systems. Use of
a Vitesse product in such applications without written consent is prohibited.
VSC7182
TW
Device Type
Package
Quad Gigabit Transceiver
TW: 208-Pin, 23mm BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com