Electronic Components Datasheet Search
  English  ▼

X  

AD8698 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8698
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698 Datasheet(HTML) 1 Page - Analog Devices

  AD8698 Datasheet HTML 1Page - Analog Devices AD8698 Datasheet HTML 2Page - Analog Devices AD8698 Datasheet HTML 3Page - Analog Devices AD8698 Datasheet HTML 4Page - Analog Devices AD8698 Datasheet HTML 5Page - Analog Devices AD8698 Datasheet HTML 6Page - Analog Devices AD8698 Datasheet HTML 7Page - Analog Devices AD8698 Datasheet HTML 8Page - Analog Devices AD8698 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual Precision, Rail-to-Rail Output
Operational Amplifier
AD8698
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 100 µV max
Low offset voltage drift: 2 µV/°C max
Low input bias current: 700 pA max
Low noise: 8 nV/
√Hz
High common-mode rejection: 118 dB min
Wide operating temperature:
−40°C to +85°C
No phase reversal
APPLICATIONS
Photodiode amplifier
Sensors and controls
Multipole filters
Integrator
GENERAL DESCRIPTION
The AD8698 is a high precision, rail-to-rail output, low noise,
low input bias current operational amplifier. Offset voltage is a
respectable 100 µV max and drift over temperature is below
2 µV/°C, eliminating the need for manual offset trimming. The
AD8698 is ideal for high impedance sensors, minimizing offset
errors due to input bias and offset currents.
The rail-to-rail output maximizes dynamic range in a variety of
applications, such as photodiode amplifiers, DAC I/V
amplifiers, filters, and ADC input amplifiers.
The AD8698 dual amplifiers are offered in 8-lead MSOP and
narrow 8-lead SOIC packages. The MSOP version is available
in tape and reel only.
CONNECTION DIAGRAMS
8-Lead SOIC
(R-8)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8698
TOP VIEW
(Not to Scale)
8-Lead MSOP
(RM-8)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8698
TOP VIEW
(Not to Scale)
Figure 1.


Similar Part No. - AD8698

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8698 AD-AD8698_15 Datasheet
323Kb / 20P
Dual Precision, Rail-to-Rail Output
REV. 0
More results

Similar Description - AD8698

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com