Electronic Components Datasheet Search
  English  ▼

X  

AD8698 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8698
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8698 Datasheet HTML 8Page - Analog Devices AD8698 Datasheet HTML 9Page - Analog Devices AD8698 Datasheet HTML 10Page - Analog Devices AD8698 Datasheet HTML 11Page - Analog Devices AD8698 Datasheet HTML 12Page - Analog Devices AD8698 Datasheet HTML 13Page - Analog Devices AD8698 Datasheet HTML 14Page - Analog Devices AD8698 Datasheet HTML 15Page - Analog Devices AD8698 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8698
Rev. 0 | Page 12 of 20
–30
–20
–10
0
10
20
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±2.5V
+ISC
–ISC
Figure 38. Short-Circuit Current vs. Temperature
2.38
2.39
2.40
2.41
2.42
2.43
2.44
2.45
2.46
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±2.5V
IL = 1mA
VOH
–VOL
Figure 39. Output Swing vs. Temperature
1.5
1.7
1.9
2.1
2.3
2.5
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±2.5V
IL = 5mA
VOH
–VOL
Figure 40. Output Voltage Swing vs. Temperature
–30
–20
–10
0
10
20
30
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±2.5V
Figure 41.
∆ Offset Voltage vs. Temperature
124
126
128
130
132
134
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±2.5V
Figure 42. CMRR vs. Temperature
–80
–70
–60
–50
–40
–30
–20
20
0
–40
–20
–60
40
60
80
100
TEMPERATURE (°C)
VS = ±2.5V
Figure 43.
∆ Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com