Electronic Components Datasheet Search
  English  ▼

X  

AD8698 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8698
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8698 Datasheet HTML 10Page - Analog Devices AD8698 Datasheet HTML 11Page - Analog Devices AD8698 Datasheet HTML 12Page - Analog Devices AD8698 Datasheet HTML 13Page - Analog Devices AD8698 Datasheet HTML 14Page - Analog Devices AD8698 Datasheet HTML 15Page - Analog Devices AD8698 Datasheet HTML 16Page - Analog Devices AD8698 Datasheet HTML 17Page - Analog Devices AD8698 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8698
Rev. 0 | Page 14 of 20
APPLICATIONS
INPUT OVERVOLTAGE PROTECTION
The AD8698 has internal protective circuitry which allows
voltages at either input to exceed the supply voltage. However,
if voltages applied at either input exceed the supply voltage by
more than 2 V, it is recommended to use a resistor in series
with the inputs to limit the input current and prevent damaging
the device.
The value of the resistor can be calculated from the following
formula:
mA
5
500
≤
+
−
S
S
IN
R
V
V
DRIVING CAPACITIVE LOADS
The AD8698 is stable even when driving heavy capacitive
loads in any configuration. Although the AD8698 will safely
drive capacitive loads well over 10 nF, it is recommended to
use external compensation should the amplifier be subjected
to driving a load exceeding 50 nF. This is particularly
important in positive unity gain configurations, the worst
case for stability. Figure 49 shows the output of the AD8698
with a 68 nF load in response to a 400 mV signal at its
positive input; the overshoot is less than 25% without any
external compensation. Using a simple “snubber” network
reduces the overshoot to less than 10% as shown in
Figure
50.
VS = ±15V
CL = 68nF
AV = 1
TIME (10
µs/DIV)
Figure 49. Heavy Capacitive Load Drive without Compensation
VS = ±15V
CL = 68nF
RS = 30Ω
CS = 5nF
AV = 1
TIME (10
µs/DIV)
Figure 50. Compensated Capacitive Load Drive with Snubber
The snubber network consists of a simple RC network
whose values are determined empirically.
V+
RS
CS
CL
V–
400mV
+
–
Figure 51. Snubber Network
Table 5
provides a few starting values for optimum
compensation.
Table 5. Compensation Values
CL (nF)
RS (
Ω)
CS (nF)
47
20
7
68
30
5
100
50
3
The use of the snubber network does not recover the loss of
bandwidth incurred by the load capacitance. The AD8698
maintains a unity gain bandwidth of 1 MHz with load
capacitances of up to 1 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com