Electronic Components Datasheet Search
  English  ▼

X  

AD8698 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8698
Description  Dual Precision, Rail-to-Rail Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8698 Datasheet(HTML) 3 Page - Analog Devices

  AD8698 Datasheet HTML 1Page - Analog Devices AD8698 Datasheet HTML 2Page - Analog Devices AD8698 Datasheet HTML 3Page - Analog Devices AD8698 Datasheet HTML 4Page - Analog Devices AD8698 Datasheet HTML 5Page - Analog Devices AD8698 Datasheet HTML 6Page - Analog Devices AD8698 Datasheet HTML 7Page - Analog Devices AD8698 Datasheet HTML 8Page - Analog Devices AD8698 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8698
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = ±15 V, VCM = 0 V (@TA = 25oC, unless otherwise noted.)
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
20
100
µV
−40°C < TA < +85°C
300
µV
Offset Voltage Drift
∆V
OS
/
∆T
−40°C < TA < +85°C
0.6
2
µV/°C
Input Bias Current
IB
700
pA
−40°C < TA < +85°C
1500
pA
Input Offset Current
IOS
700
pA
−40°C < TA < +85°C
1500
pA
Input Voltage Range
IVR
−40°C < TA < +85°C
−13.5V
13.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±13.5 V
118
132
dB
Large Signal Voltage Gain
AVO
RL = 2 k
Ω, VO = ±13.5 V
900
1450
V/mV
Input Capacitance
CDIFF
6.5
pF
CCM
4.6
pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
(Ref. to GND)
VOH
IL = 1 mA,
−40°C < TA < +85°C
14.85
14.93
V
VOH
IL = 5 mA,
−40°C < TA < +85°C
14.6
14.8
V
(Ref. to GND)
VOL
IL = 1 mA,
−40°C < TA < +85°C
−14.93
−14.6
V
VOL
IL = 5 mA,
−40°C < TA < +85°C
−14.82
−14.5
V
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
±2.5 V < VS < ±15 V
114
132
dB
Supply Current
ISY
VO = 0 V
2.8
3.2
mA
−40°C < TA < +85°C
3.8
mA
Supply Voltage
VS
−40°C < TA < +85°C
±2.5
±15
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
0.4
V/µs
Gain Bandwidth Product
GBP
1
MHz
Phase Margin
ØO
60
Degrees
NOISE PERFORMANCE
Input Noise Voltage
en p-p
0.1 Hz < f < 10 Hz
0.6
µV p-p
Input Voltage Noise Density
en
f = 10 Hz
15
nV/
√Hz
Input Voltage Noise Density
en
f = 1 kHz
8
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com