Electronic Components Datasheet Search
  English  ▼

X  

PD16707 Datasheet(PDF) 3 Page - NEC

Part # PD16707
Description  MOS INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD16707 Datasheet(HTML) 3 Page - NEC

  PD16707 Datasheet HTML 1Page - NEC PD16707 Datasheet HTML 2Page - NEC PD16707 Datasheet HTML 3Page - NEC PD16707 Datasheet HTML 4Page - NEC PD16707 Datasheet HTML 5Page - NEC PD16707 Datasheet HTML 6Page - NEC PD16707 Datasheet HTML 7Page - NEC PD16707 Datasheet HTML 8Page - NEC PD16707 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet S16411EJ1V0DS
3
µµµµ PD16707
2. PIN CONFIGURATION
2.1 CHIP PAKAGE :
µµµµ PD16707P Chip surface (Bump side)
Chip size : 1.06±0.02 x 16.01±0.02 [mm]
Chip thickness : 595±25 [
µm]
604pin
605pin
618pin
619pin
603pin
620pin
OER
OER
1pin
602pin
294pin
295pin
309pin
293pin
310pin
OEL
OEL
O262
O2
O1
O0
O263
O264
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
DUMMY
292pin
311pin
VDD2
VDD2
VDD2
VDD2
VDD1
VDD1
VDD2
VDD2
VDD1
VDD1
VDD2
VDD2
VDD2
VDD2
VDD2
VDD2
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
VEE
(0,0)
Y(+)
X(+)
308pin
: 50 x 50 m
µ
: 50 x 50 m
µ
Alignment Mark1
Alignment Mark2
coordinate : (267.5,
−7785)
(267.5, 7785)
coordinate : (387.5,
−7785)
(387.5, 7785)
IC
Bump
Visual
direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com