Electronic Components Datasheet Search
  English  ▼

X  

PD16707 Datasheet(PDF) 16 Page - NEC

Part # PD16707
Description  MOS INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD16707 Datasheet(HTML) 16 Page - NEC

Back Button PD16707 Datasheet HTML 12Page - NEC PD16707 Datasheet HTML 13Page - NEC PD16707 Datasheet HTML 14Page - NEC PD16707 Datasheet HTML 15Page - NEC PD16707 Datasheet HTML 16Page - NEC PD16707 Datasheet HTML 17Page - NEC PD16707 Datasheet HTML 18Page - NEC PD16707 Datasheet HTML 19Page - NEC PD16707 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet S16411EJ1V0DS
16
µµµµ PD16707
Electrical Characteristics (TA = –20 to +75
°C, VDD1 = 2.3V to 3.6V, VDD2 = 23 V, VEE = –10 V, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
Note
MAX.
Unit
High level Input Voltage
VIH
0.8 VDD1
VDD1
V
Low level Input Voltage
VIL
CLKR, CLKL, STVR, STVL,
R,/LR, R,/LL, OER, OEL,
MODE
VSS
0.2 VDD1
V
High level Output Voltage
VOH
STVR (STVL), IOH =
−40
µA V
DD1
− 0.4
VDD1
V
Low level Output Voltage
VOL
STVR (STVL), IOL = +40
µA
VSS
VSS + 0.4
V
LCD Driver Output ON Resistance
RON
VOUT = VEE + 1.0 V or
VDD2 – 1.0 V
0.3
1.0
k
Ω
Pull-up Resistance
RPU
VDD1 = 3.0 V,
/AOR, /AOL, MODE
10
50
100
k
Ω
Input Leak Current
IIL
VI = 0 V or 3.6 V, except for
/AOR, /AOL, MODE
±1.0
µA
Static Current Dissipation
IDD1
VDD1, fCLK = 50 kHz,
OER = OEL = L,
fSTV = 60 Hz, no load
20
200
µA
IDD2
VDD2, fCLK = 50 kHz,
OER = OEL = L,
fSTV = 60 Hz, no load
10
100
µA
IEE
VEE, fCLK = 50 kHz,
OER = OEL = L,
fSTV = 60 Hz, no load
–300
–30
µA
Remark STV : STVR (STVL)
Note The TYP.value refers to the measured values in VDD1 = 3.0 V, TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com