Electronic Components Datasheet Search
  English  ▼

X  

PD16707 Datasheet(PDF) 12 Page - NEC

Part # PD16707
Description  MOS INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PD16707 Datasheet(HTML) 12 Page - NEC

Back Button PD16707 Datasheet HTML 8Page - NEC PD16707 Datasheet HTML 9Page - NEC PD16707 Datasheet HTML 10Page - NEC PD16707 Datasheet HTML 11Page - NEC PD16707 Datasheet HTML 12Page - NEC PD16707 Datasheet HTML 13Page - NEC PD16707 Datasheet HTML 14Page - NEC PD16707 Datasheet HTML 15Page - NEC PD16707 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet S16411EJ1V0DS
12
µµµµ PD16707
3. PIN FUNCTIONS
Pin Symbol
Pin Name
I/O
Description
O1 to O263
Driver output
Output These pins output scan signals that drive the vertical direction (gate lines) of a TFT-
LCD. The output signals change in synchronization with the rising edge of shift clock
CLK. The driver output amplitude is VDD2 to VEE.
O0, O264
Driver output
Output
The signal of VEE level is outputted by fixation.
R,/LR,
R,/LL
Shift direction control
Input
The shift direction control pin of shift register. The shift directions of shift register are
as follows.
R,/LR, R,/LL = H : right shift : STVR
→ O1 → O263 → STVL
R,/LR, R,/LL = L : left shift : STVL
→ O263 → O1 → STVR
R,/LR and R,/LL are connected inside IC.
STVR,
STVL
Start pulse
input/output
I/O
This is the I/O of the internal shift register. The start pulse is read at the rising edge of
shift clock CLK (CLKR,CLKL), and scan signals are output from the driver output pins.
The input level is a VDD1 to VSS (logic level). When in MODE = H, the start pulse is
output at the falling edge of the 263rd clock of shift clock CLK, and is cleared at the
falling edge of the 264th clock.
The output level is VDD1 to VSS (logic level).
CLKR,
CLKL
Shift clock input
Input
This pin inputs a shift clock to the internal shift register. The shift operation is
performed in synchronization with the rising edge of this input. CLKR and CLKL are
connected inside IC.
OER,OEL
Output enable input
Input
When this pin goes high level, the driver output is fixed to VEE level.
The shift register is not cleared. CLK is asynchronous in the clock.
OER and OEL are connected inside IC.
/AOR, /AOL All-on control
Input
When this pin goes low level, all driver output = VDD2 level.
The shift register is not cleared. This pin has priority over OER,OEL.
This pin is pulled up to VDD1 power supply inside IC.
CLK is asynchronous in the clock.
/AOR and /AOL are connected inside IC.
MODE
Selection of Number
of outputs
Input
MODE = V DD1 or open: 263 outputs
MODE = VSS: 256 outputs (Driver pins O129 to O135 are invalid.)
Input level is VDD1 to VSS (logic level)
This pin is pulled up to VDD1 power supply inside IC.
PASSR,
PASSL
Pass line
Input
PASSR and PASSL are connected inside IC.
VDD1
Logic power supply
–
2.3 to 3.6 V
VDD2
Driver positive power
supply
–
15 to 25 V. The driver output: high level
VSS
Logic ground
–
Connect this pin to the ground of the system.
VEE
Negative Power
supply for internal
operation
–
−15 to −5 V. The driver output: low level
DUMMY
Note
Dummy
–
No dummy pins are connected with other pins inside IC.
Note DUMMY pins are adapted only for chip product. (There is no DUMMY pin in TCP product.)
Cautions 1. To prevent latch-up, turn on power to VDD1
→
→
→
→ logic input →
→
→
→ VEE →
→
→
→ VDD2 in this order. Turn off power
in the reverse order. These power up/down sequence must be observed also during
transition period.
2. Insert a capacitor of about 0.1
µµµµF between each power line, as shown below, to secure noise
margin such as VIH and VIL.
VDD2
VDD1
VSS
0.1 F
µ
0.1 F
µ
0.1 F
µ
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com