Electronic Components Datasheet Search
  English  ▼

X  

AD9876 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9876
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9876 Datasheet HTML 2Page - Analog Devices AD9876 Datasheet HTML 3Page - Analog Devices AD9876 Datasheet HTML 4Page - Analog Devices AD9876 Datasheet HTML 5Page - Analog Devices AD9876 Datasheet HTML 6Page - Analog Devices AD9876 Datasheet HTML 7Page - Analog Devices AD9876 Datasheet HTML 8Page - Analog Devices AD9876 Datasheet HTML 9Page - Analog Devices AD9876 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. A
AD9876
–6–
Pin No.
Mnemonic
Function
1
OSCIN
Crystal Oscillator Inverter Input
2
SENABLE
Serial Bus Enable Input
3
SCLK
Serial Bus Clock Input
4
SDATA
Serial Bus Data I/O
5, 38, 47
AVDD
Analog 3.3 V Power Supply
6, 9, 39, 42, 43, 46
AVSS
Analog Ground
7Tx+
Transmit DAC+ Output
8
Tx–
Transmit DAC– Output
10
FSADJ
DAC Full-Scale Output Current Adjust with External Resistor
11
REFIO
DAC Band Gap Decoupling Node
12
PWR DN
Power-Down Input
13
DVSS
Digital Ground
14
DVDD
Digital 3.3 V Power Supply
15
FB
Regulator Feedback Input
16
GATE
Regulator Output to FET Gate
17
GAIN
Transmit Data Port (Tx [5:0]) Mode Select Input
18
Tx QUIET
Transmit Quiet Input
19–24
Tx [5:0]
Transmit Data Input
25
Tx SYNC
Transmit Synchronization Strobe Input
26
CLK-A
L
× fOSCIN Clock Output
27
CLK-B
M/N
× f
OSCIN Clock Output
28
Rx SYNC
Receive Data Synchronization Strobe Output
29–34
Rx[5:0]
Receive Data Output
35
DRVDD
Digital I/O 3.3 V Power Supply
36
DRVSS
Digital I/O Ground
37
RESET
Reset Input
40
REFB
ADC Reference Decoupling Node
41
REFT
ADC Reference Decoupling Node
44
Rx+
Receive Path + Input
45
Rx–
Receive Path – Input
48
XTAL
Crystal Oscillator Inverter Output
PIN FUNCTION DESCRIPTIONS
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
DRVSS
DRVDD
Rx [0]
Rx [1]
Rx [2]
Rx [3]
Rx [4]
Rx [5]
Rx SYNC
CLK-B
CLK-A
Tx SYNC
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
OSCIN
SENABLE
SCLK
SDATA
AVDD
AVSS
Tx+
Tx–
AVSS
FSADJ
REFIO
PWR DN
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com