Electronic Components Datasheet Search
  English  ▼

X  

AD9876 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9876
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876 Datasheet(HTML) 1 Page - Analog Devices

  AD9876 Datasheet HTML 1Page - Analog Devices AD9876 Datasheet HTML 2Page - Analog Devices AD9876 Datasheet HTML 3Page - Analog Devices AD9876 Datasheet HTML 4Page - Analog Devices AD9876 Datasheet HTML 5Page - Analog Devices AD9876 Datasheet HTML 6Page - Analog Devices AD9876 Datasheet HTML 7Page - Analog Devices AD9876 Datasheet HTML 8Page - Analog Devices AD9876 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
A
AD9876
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
a
2
Broadband Modem
Mixed-Signal Front End
FUNCTIONAL BLOCK DIAGRAM
REGISTER
CONTROL
Rx
MUX
ADC
PGA
LPF
PGA
TxDAC+
Kx INTERPOLATION
LPF/BPF
Tx
MUX
PLL-A
L
PLL-B
M/N
VRC
3
12
12
12
AD9876
Tx+
Tx–
GATE
FB
OSCIN
XTAL
Rx+
Rx–
PWR DN
Tx QUIET
GAIN
Tx [5:0]
Tx SYNC
CLK-A
CLK-B
Rx SYNC
Rx [5:0]
SPORT
VREF
CLOCK GEN
PRODUCT DESCRIPTION
The AD9876 is a single-supply broadband modem mixed-signal
front end (MxFE) IC. The device contains a transmit path
interpolation filter and DAC and a receive path PGA, LPF, and
ADC supporting a variety of broadband modem applications.
Also on-chip is a PLL clock multiplier that provides all required
clocks from a single crystal or clock input. The AD9876 provides
12-bit converter performance on both the Tx and Rx path.
The TxDAC+ uses a selectable digital 2
× or 4× interpolation
low-pass or band-pass filter to further oversample transmit data
and reduce the complexity of analog reconstruction filtering.
The transmit path signal bandwidth can be as high as 26 MHz
at an input data rate of 64 MSPS. The 12-bit DAC provides
differential current outputs for optimum noise and distortion
performance. The DAC full-scale current can be adjusted from
2 to 20 mA by a single resistor, providing 20 dB of additional
gain range.
The receive path consists of a PGA, LPF, and ADC. The PGA has
a gain range of –6 dB to +36 dB, programmable in 2 dB steps,
adding 42 dB of dynamic range to the receive path. The receive
MxFE is a trademark of Analog Devices, Inc.
TxDAC+ is a registered trademark of Analog Devices, Inc.
path LPF cutoff frequency can be programmed to either 12 MHz
or 26 MHz. The filter cutoff frequency can also be tuned or
bypassed where filter requirements differ. The 12-bit ADC uses
a multistage differential pipeline architecture to achieve excellent
dynamic performance with low power consumption.
The AD9876 provides a voltage regulator controller (VRC) that
can be used with an external power MOSFET transistor to form
a cost-effective 1.3 V linear regulator.
The digital transmit and receive ports are each multiplexed to a
bus width of six bits and are clocked at a frequency of twice the
12-bit word rate.
The AD9876 ADC and/or DAC can also be used at sampling
rates as high as 64 MSPS in a 6-bit resolution nonmulti-
plexed mode.
The AD9876 is pin compatible with the 10-bit AD9875. Both are
available in a space-saving 48-lead LQFP package. They are speci-
fied over the industrial (–40
°C to +85°C) temperature range.
FEATURES
Low Cost 3.3 V CMOS Mixed-Signal Front End (MxFE™)
Converter for Broadband Modems
10-/12-Bit D/A Converter (TxDAC+®)
64/32 MSPS Input Word Rate
2 /4
Interpolating LPF or BPF Transmit Filter
128 MSPS DAC Output Update Rate
Wide (26 MHz) Transmit Bandwidth
Power-Down Mode
10-/12-Bit 50 MSPS A/D Converter
Fourth Order Low-Pass Filter 12 MHz or 26 MHz
with Bypass
–6 dB to +36 dB Programmable Gain Amplifier
Internal Clock Multiplier (PLL)
Clock Outputs
Voltage Regulator Controller
48-Lead LQFP Package
APPLICATIONS
Powerline Networking
Home Phone Networking
xDSL
Broadband Wireless
Home RF


Similar Part No. - AD9876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
More results

Similar Description - AD9876

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com