Electronic Components Datasheet Search
  English  ▼

X  

AD9876 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9876
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9876 Datasheet HTML 6Page - Analog Devices AD9876 Datasheet HTML 7Page - Analog Devices AD9876 Datasheet HTML 8Page - Analog Devices AD9876 Datasheet HTML 9Page - Analog Devices AD9876 Datasheet HTML 10Page - Analog Devices AD9876 Datasheet HTML 11Page - Analog Devices AD9876 Datasheet HTML 12Page - Analog Devices AD9876 Datasheet HTML 13Page - Analog Devices AD9876 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. A
AD9876
–10–
Typical AC Characteristics Curves for TxDAC (R
SET = 4.02 k
, RDAC = 100
)
FREQUENCY OFFSET – kHz
0
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–1
01
23456789
TPC 13. Phase Noise Plot @ fDATA = 32 MSPS,
fOUT = 10 MHz, 4
LPF
FREQUENCY OFFSET – kHz
0
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–1
01
23456789
TPC 14. Phase Noise Plot @ fDATA = 50 MSPS,
fOUT = 10 MHz, 2
LPF
FREQUENCY – MHz
0
10
–10
–20
–30
–40
–50
–60
–70
35
7
9
11
13
15
17
19
21
23
TPC 15. In-Band Multitone Spectral Plot
@ fDATA = 50 MSPS, fOUT = k
195 kHz, 2
LPF
FREQUENCY – MHz
0
10
–10
–20
–30
–40
–50
–60
–70
311
31
21
41
51
61
71
81
91
101
TPC 16. Wideband Multitone Spectral Plot
@ fDATA = 50 MSPS, fOUT = k
195 kHz, 2
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com