Electronic Components Datasheet Search
  English  ▼

X  

AD9876 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9876
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9876 Datasheet HTML 16Page - Analog Devices AD9876 Datasheet HTML 17Page - Analog Devices AD9876 Datasheet HTML 18Page - Analog Devices AD9876 Datasheet HTML 19Page - Analog Devices AD9876 Datasheet HTML 20Page - Analog Devices AD9876 Datasheet HTML 21Page - Analog Devices AD9876 Datasheet HTML 22Page - Analog Devices AD9876 Datasheet HTML 23Page - Analog Devices AD9876 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
REV. A
–24–
AD9876
on the MxFE side of the ferrite as well as a low ESR, ESL
decoupling capacitors on each supply pin (i.e., the AD9876
requires five power supply decoupling caps, one each on Pins 5,
38, 47, 14, and 35). The decoupling caps should be placed as close
to the MxFE supply pins as possible. An example of the proper
decoupling is shown in the AD9876 evaluation board schematic.
Ground Planes
In general, if the component placing guidelines discussed earlier
can be implemented, it is best to have at least one continuous
ground plane for the entire board. All ground connections should be
made as short as possible. This will result in the lowest impedance
return paths and the quietest ground connections.
If the components cannot be placed in a manner that will keep the
high frequency ground currents from traversing under the MxFE
and analog components, it may be necessary to put current steering
channels into the ground plane to route the high frequency
currents around these sensitive areas. These current steering
channels should be made only when and where necessary.
Signal Routing
The digital Rx and Tx signal paths should be kept as short as
possible. Also, the impedance of these traces should have
a controlled characteristic impedance of about 50
Ω. This will
prevent poor signal integrity and the high currents that can
occur during undershoot or overshoot caused by ringing. If the
signal traces cannot be kept shorter than about 1.5 inches, series
termination resistors (33
Ω to 47 Ω) should be placed close to
all signal sources. It is a good idea to series-terminate all clock
signals at their source, regardless of trace length.
The receive Rx
and Rx
signals are the most sensitive
signals on the entire board. Careful routing of these signals
is essential for good receive path performance. The Rx
and
Rx
signals form a differential pair and should be routed
together as a pair. By keeping the traces adjacent to each other,
noise coupled onto the signals will appear as common mode and
will be largely rejected by the MxFE receive input. Keeping the
driving point impedance of the receive signal low and placing
any low-pass filtering of the signals close to the MxFE will
further reduce the possibility of noise corrupting these signals.
OUTLINE DIMENSIONS
48-Lead Plastic Quad Flatpack [LQFP]
1.4 mm Thick
(ST-48)
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
7.00
BSC
SEATING
PLANE
1.60 MAX
0.75
0.60
0.45
VIEW A
7
3.5
0
0.20
0.09
1.45
1.40
1.35
0.15
0.05
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90 CCW
PIN 1
INDICATOR
9.00 BSC
COMPLIANT TO JEDEC STANDARDS MS-026BBC
SEATING
PLANE
Revision History
Location
Page
10/02—Data Sheet changed from REV. 0 to REV. A.
Changes to to Table IV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Changes to REGISTER 3—CLOCK SOURCE CONFIGURATION section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com