Electronic Components Datasheet Search
  English  ▼

X  

MD-403 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MD-403
Description  I2C InterfaceOven Controlled Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MD-403 Datasheet(HTML) 2 Page - Microsemi Corporation

  MD-403 Datasheet HTML 1Page - Microsemi Corporation MD-403 Datasheet HTML 2Page - Microsemi Corporation MD-403 Datasheet HTML 3Page - Microsemi Corporation MD-403 Datasheet HTML 4Page - Microsemi Corporation MD-403 Datasheet HTML 5Page - Microsemi Corporation MD-403 Datasheet HTML 6Page - Microsemi Corporation MD-403 Datasheet HTML 7Page - Microsemi Corporation MD-403 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 2 of 8
Performance Specifications
Supply Voltage (Vs)
Parameter
Min
Typical
Max
Units
Condition
Supply voltage (standard)
3.135
3.3
3.465
VDC
Power consumption
2.5
Watts
during warm-up
1.0
Watts
steady state @ +25°C
RF Output
Signal [standard]
HCMOS
Load
15
pF
Signal Level (Vol)
0.4
VDC
with Vs=3.3V and 15pF Load
Signal Level (Voh)
2.4
VDC
with Vs=3.3V and 15pF Load
rise time
5
ns
fall time
5
ns
Duty Cycle
45
55
%
@ (Voh-Vol)/2
Frequency Tuning (EFC)
Tuning Range
Fixed OCXO; No adjust
Additional Parameters
Phase Noise3
-85
-110
-130
-143
-150
-153
-70
-95
-115
-135
-145
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100khz
@ 20MHz
Phase Noise3
-76
-105
-130
-145
-150
-155
-60
-90
-115
-130
-145
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
10 kHz
@ 30.72
Mhz
Weight
10
g
Processing & Packing
Handling & Processing Note
EEPROM (SCL, SDA) Pin 12; Pin 13
Parameter
Min
Typical
Max
Units
Condition
I2C Bus Voltage
2,8
VDC
DC Electrical Characteristics
High Level Input Voltage (Vih)
0.7* VI2C
VI2C +0.3
Vdc
SDA (internally pulled-up to V
I2C with a 22kohm
resistor) and SCL
Low Level Input Voltage (Vil)
-0.3
0.3 VI2C
Vdc
SDA (internally pulled-up to V
I2C with a 22kohm
resistor) and SCL
Electrical Characteristic
Product is to communicate via industry stan-
dard I2C bus timing. I2C is a Phillips Semicon-
ductor registered trademark.
SCL Clock Frequency
0
100
kHz
Communication
Product is to communicate via industry stan-
dard I2C bus timing. I2C is a Phillips Semicon-
ductor registered trademark.
EEPROM
I2C Device 7-bit Address: 1010100
Internal Temperature Sensor
I2C Device 7-bit Address: 1001000
model LM73
For full EEPROM Map please contact factory



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com