Electronic Components Datasheet Search
  English  ▼

X  

MD-403 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MD-403
Description  I2C InterfaceOven Controlled Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MD-403 Datasheet(HTML) 1 Page - Microsemi Corporation

  MD-403 Datasheet HTML 1Page - Microsemi Corporation MD-403 Datasheet HTML 2Page - Microsemi Corporation MD-403 Datasheet HTML 3Page - Microsemi Corporation MD-403 Datasheet HTML 4Page - Microsemi Corporation MD-403 Datasheet HTML 5Page - Microsemi Corporation MD-403 Datasheet HTML 6Page - Microsemi Corporation MD-403 Datasheet HTML 7Page - Microsemi Corporation MD-403 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1 of 8
MD-403
I2C InterfaceOven Controlled Crystal Oscillator
• Surface Mount package
• Low Profile Compact Package
• Standard frequency: 10, 20, 30.72,38.88, 40 MHz
• Temperature stability to 10 ppb
• Temperature range: -40 to 95°C
• Aging rate to 1 ppb/day
• I 2C interface with frequency coefficients, temperature
sensor for additional correction
• Base stations
• Test equipment
• Synthesizers
• Military communication equipment
• Digital Switching
Features
Applications
MD-403
Frequency Stabilities1 ( 10 -40 MHz)
Parameter
Min
Typical
Max
Units
Condition
vs. operating temperature range
(referenced to +25°C)
-10
-10
-10
+10
+10
+10
ppb
ppb
ppb
-20 to +70°C
-40 to +85°C
-40 to +95°C
Residual error compare to fit
curve
-0.6
0.6
ppb
Improved Frequency versus temperature F(T) performance obtained using on board temperature sensor (T) and frequency vs.
temperature coefficients (An)stored in EEPROM, using formula:
F(T)=A
4T
4
+A
3T
3
+A
2T
2
+A
1T+A0
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / day
vs. aging / year
vs. aging / 10 year
-5
-10
-10
-1
-100
-800
5
+10
+10
+1
+100
+800
ppm
ppb
ppb
ppb
ppb
ppb
at time of shipment,
V
S ±5% static
Load ±5% static
after 30 days of operation
after 30 days of operation
after 30 days of operation
holdover (without
compensation on customer
side.)
2.5
µsec
over 30 minutes and 10°C temp jump @ T
oscillator must be for miniumum 7 days on
power.
holdover (with compensation on
customer side.)| 6
1
over 30 minutes and 10°C temp jump @ T
oscillator must be for miniumum 7 days on
power.
Warm-up time
3
minutes
to ±100ppb of final frequency (1 hour
reading) @ +25°C
Performance Specifications
The MD-403 is a Vectron module that contains a medium size ovenized crystal oscillator and an I2C interface that communicates with an
onboard EEPROM and temperature sensors. The interface enables the customer to improve upon the already
exceptional stability of the oscillator. Provided in a fully hermetic 13 x 20 x 10.7mm package, the device is capable of aging rates of 1ppb/
day and temperature stabilities of 10 ppb from -40 to 95°C. Use of the information provided in the I2C interface provides a cost
effective means of improving stability by as much as a factor of 10 depending upon environmental conditions.


Similar Part No. - MD-403

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-403 VECTRON-MD-403 Datasheet
1Mb / 8P
I2C InterfaceOven Controlled Crystal Oscillator
More results

Similar Description - MD-403

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXMW8596 AXTAL-AXMW8596 Datasheet
507Kb / 5P
Crystal Controlled Microwave Oscillator
2005-02-01
logo
Zarlink Semiconductor I...
ZN705E ZARLINK-ZN705E Datasheet
203Kb / 5P
CRYSTAL CONTROLLED OSCILLATOR CIRCUIT
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Vectron International, ...
MD-173 VECTRON-MD-173 Datasheet
727Kb / 6P
High Stability Coefficient Oscillator -I2C interface Oven Controlled Crystal Oscillator
MD-203 VECTRON-MD-203 Datasheet
1Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-223 VECTRON-MD-223 Datasheet
2Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-403 VECTRON-MD-403 Datasheet
1Mb / 8P
I2C InterfaceOven Controlled Crystal Oscillator
logo
Microsemi Corporation
MD-223 MICROSEMI-MD-223 Datasheet
2Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
MD-203 MICROSEMI-MD-203 Datasheet
1Mb / 8P
I2C Interface Oven Controlled Crystal Oscillator Preleminary version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com