Electronic Components Datasheet Search
  English  ▼

X  

MD-403 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MD-403
Description  I2C InterfaceOven Controlled Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MD-403 Datasheet(HTML) 3 Page - Microsemi Corporation

  MD-403 Datasheet HTML 1Page - Microsemi Corporation MD-403 Datasheet HTML 2Page - Microsemi Corporation MD-403 Datasheet HTML 3Page - Microsemi Corporation MD-403 Datasheet HTML 4Page - Microsemi Corporation MD-403 Datasheet HTML 5Page - Microsemi Corporation MD-403 Datasheet HTML 6Page - Microsemi Corporation MD-403 Datasheet HTML 7Page - Microsemi Corporation MD-403 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 3 of 8
top
view
original size
15,240,1
5,080,1
10,160,1
20,10,2
1,8
12,60,2
2
15,24
10,16
5,08
recommended PCB Layout
1,15
Dimensions in mm
Outline Drawing / Enclosure
Absolute Maximum Ratings
supply voltage (Vs)
5.5
V
with Vs=3.3 & 5.0 VDC
Output Load
50
pF
Operable Temperature Range
-40
+95
°C
Storage Temperature Range
-40
+125
°C
Pin Connections
1
I.C (int. connected, do not connect)
5
WP (Write protect; I2C)
6
I.C (int. connected, do not connect)
7
Ground (Case)
8
RF Output
12
SDA (I2C)
13
SCL (I2C)
14
Supply Voltage Input (Vs)
MD-403
Height “H”
cover material
10,7 mm
metal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com