Electronic Components Datasheet Search
  English  ▼

X  

MD-403 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # MD-403
Description  I2C InterfaceOven Controlled Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MD-403 Datasheet(HTML) 8 Page - Microsemi Corporation

  MD-403 Datasheet HTML 1Page - Microsemi Corporation MD-403 Datasheet HTML 2Page - Microsemi Corporation MD-403 Datasheet HTML 3Page - Microsemi Corporation MD-403 Datasheet HTML 4Page - Microsemi Corporation MD-403 Datasheet HTML 5Page - Microsemi Corporation MD-403 Datasheet HTML 6Page - Microsemi Corporation MD-403 Datasheet HTML 7Page - Microsemi Corporation MD-403 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson Suite 102, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 8 of 8
Ordering Information
MD - 403 2 - E A E - 108 0 - 20M0000000
Product Family
OX: OCXO
Package
SMD version: 403
Height
2: 10,7 mm
Supply Voltage
E: 3.3V
Stability Code
108±10 ppb
Frequency
Frequency Control
0: No Tuning
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 16.01.2015
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Suite 102
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.801.100
Fax: +49 (0) 7268.801.282
Asia:
Vectron International
68 Yin Cheng Road(C), 22nd Floor
One LuJiaZui
Pudong, Shanghai 200120, China
Tel: +86 21 6194 6886
Fax: +86 21 6194 6699
RF Output Code
A: HCMOS
Temperature Range
J: -20°C to +70°C
E: -40°C to +85°C
8: -40°C to +95°C
Notes:
1.
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
frequencies.
2.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
control voltage, load, temperature (25°C).
3.
Phase noise degrades with increasing output frequency.
4.
Subject to technical modification.
5.
Contact factory for availability.
6.
final results depend on the compensation algorithm, position on the board, shielding against airflow and other



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com