Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 4 Page - Analog Devices

  AD8620 Datasheet HTML 1Page - Analog Devices AD8620 Datasheet HTML 2Page - Analog Devices AD8620 Datasheet HTML 3Page - Analog Devices AD8620 Datasheet HTML 4Page - Analog Devices AD8620 Datasheet HTML 5Page - Analog Devices AD8620 Datasheet HTML 6Page - Analog Devices AD8620 Datasheet HTML 7Page - Analog Devices AD8620 Datasheet HTML 8Page - Analog Devices AD8620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. D
–4–
AD8610/AD8620
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
Branding
AD8610AR
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610AR-REEL
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610AR-REEL7
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610ARM-REEL
–40
°C to +125°C 8-Lead MSOP RM-8
B0A
AD8610ARM-R2
–40
°C to +125°C 8-Lead MSOP RM-8
B0A
AD8610ARZ
*
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610ARZ-REEL
*
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610ARZ-REEL7
*
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610BR
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610BR-REEL
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610BR-REEL7
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610BRZ
*
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610BRZ-REEL
*
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8610BRZ-REEL7
*
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8620AR
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8620AR-REEL
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8620AR-REEL7
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8620BR
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8620BR-REEL
–40
°C to +125°C 8-Lead SOIC
RN-8
AD8620BR-REEL7
–40
°C to +125°C 8-Lead SOIC
RN-8
*Pb-free part
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27.3 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS–– to VS+
Differential Input Voltage . . . . . . . . . . . . . . .
± Supply Voltage
Output Short-Circuit Duration to GND . . . . . . . . . . Indefinite
Storage Temperature Range
R, RM Packages . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD8610/AD8620 . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
R, RM Packages . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 10 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Package Type
JA*
JC
Unit
8-Lead MSOP (RM)
190
44
°C/W
8-Lead SOIC (RN)
158
43
°C/W
*
θ
JA is specified for worst-case conditions; i.e.,
θ
JA is specified for a device
soldered in circuit board for surface-mount packages.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8610/AD8620 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com