Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8620 Datasheet HTML 12Page - Analog Devices AD8620 Datasheet HTML 13Page - Analog Devices AD8620 Datasheet HTML 14Page - Analog Devices AD8620 Datasheet HTML 15Page - Analog Devices AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices AD8620 Datasheet HTML 19Page - Analog Devices AD8620 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. D
–16–
AD8610/AD8620
High Speed, Low Noise Differential Driver
The AD8620 is a perfect candidate as a low noise differential
driver for many popular ADCs. There are also other applications,
such as balanced lines, that require differential drivers. The circuit
of Figure 30 is a unique line driver widely used in industrial applica-
tions. With
±13 V supplies, the line driver can deliver a differential
signal of 23 V p-p into a 1 k
Ω load. The high slew rate and wide
bandwidth of the AD8620 combine to yield a full power bandwidth
of 145 kHz while the low noise front end produces a referred-to-
input noise voltage spectral density of 6 nV/
√Hz. The design is a
transformerless, balanced transmission system where output
common-mode rejection of noise is of paramount importance.
Like the transformer-based design, either output can be shorted
to ground for unbalanced line driver applications without changing
the circuit gain of 1. This allows the design to be easily set to
noninverting, inverting, or differential operation.
3
2
V–
3
2
V–
V+
5
6
1k
R8
V+
R10
50
1/2 OF AD8620
R1
1k
1k
R9
1k
R4
1k
R3
AD8610
1/2 OF AD8620
6
R2
1k
7
U3
U2
R13
1k
R5
1k
R6
10k
R7
1k
R12
1k
R11
50
VO2
VO1
V–
V+
0
1
VO2 – VO1 = VIN
0
Figure 30. Differential Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com