Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 1 Page - Analog Devices

  AD8620 Datasheet HTML 1Page - Analog Devices AD8620 Datasheet HTML 2Page - Analog Devices AD8620 Datasheet HTML 3Page - Analog Devices AD8620 Datasheet HTML 4Page - Analog Devices AD8620 Datasheet HTML 5Page - Analog Devices AD8620 Datasheet HTML 6Page - Analog Devices AD8620 Datasheet HTML 7Page - Analog Devices AD8620 Datasheet HTML 8Page - Analog Devices AD8620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD8610/AD8620
Precision, Very Low Noise,
Low Input Bias Current, Wide Bandwidth
JFET Operational Amplifier
FUNCTIONAL BLOCK DIAGRAMS
8-Lead MSOP and SOIC
(RM-8 and R-8 Suffixes)
IN
IN
V
V
OUT
NULL
NC
1
45
8
AD8610
NULL
NC = NO CONNECT
8-Lead SOIC
(R-8 Suffix)
INA
INA
V
OUTB
INB
INB
V
1
45
8
AD8620
OUTA
FEATURES
Low Noise 6 nV/
√Hz
Low Offset Voltage: 100
V Max
Low Input Bias Current 10 pA Max
Fast Settling: 600 ns to 0.01%
Low Distortion
Unity Gain Stable
No Phase Reversal
Dual-Supply Operation:
5 V to
13 V
APPLICATIONS
Photodiode Amplifier
ATE
Instrumentation
Sensors and Controls
High Performance Filters
Fast Precision Integrators
High Performance Audio
GENERAL DESCRIPTION
The AD8610/AD8620 is a very high precision JFET input amplifier
featuring ultralow offset voltage and drift, very low input voltage
and current noise, very low input bias current, and wide bandwidth.
Unlike many JFET amplifiers, the AD8610/AD8620 input bias
current is low over the entire operating temperature range. The
AD8610/AD8620 is stable with capacitive loads of over 1000 pF
in noninverting unity gain; much larger capacitive loads can be
driven easily at higher noise gains. The AD8610/AD8620 swings to
within 1.2 V of the supplies even with a 1 k
Ω load, maximizing
dynamic range even with limited supply voltages. Outputs slew at
50 V/
µs in either inverting or noninverting gain configurations, and
settle to 0.01% accuracy in less than 600 ns. Combined with the
high input impedance, great precision, and very high output drive, the
AD8610/AD8620 is an ideal amplifier for driving high performance
A/D inputs and buffering D/A converter outputs.
Applications for the AD8610/AD8620 include electronic instru-
ments; ATE amplification, buffering, and integrator circuits;
CAT/MRI/ultrasound medical instrumentation; instrumentation
quality photodiode amplification; fast precision filters (including
PLL filters); and high quality audio.
The AD8610/AD8620 is fully specified over the extended
industrial (–40
°C to +125°C) temperature range. The AD8610
is available in the narrow 8-lead SOIC and the tiny MSOP8
surface-mount packages. The AD8620 is available in the narrow
8-lead SOIC package. MSOP8 packaged devices are available
only in tape and reel.


Similar Part No. - AD8620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8620 AD-AD8620 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620 AD-AD8620 Datasheet
1Mb / 27P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. I
AD8620 AD-AD8620 Datasheet
780Kb / 20P
30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. F
AD8620AR AD-AD8620AR Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Similar Description - AD8620

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610 Datasheet
41Kb / 4P
Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
AD8510 AD-AD8510 Datasheet
497Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
6/04-Data Sheet Changed from Rev. D to Rev. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com