Electronic Components Datasheet Search
  English  ▼

X  

AD8620 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8620 Datasheet HTML 10Page - Analog Devices AD8620 Datasheet HTML 11Page - Analog Devices AD8620 Datasheet HTML 12Page - Analog Devices AD8620 Datasheet HTML 13Page - Analog Devices AD8620 Datasheet HTML 14Page - Analog Devices AD8620 Datasheet HTML 15Page - Analog Devices AD8620 Datasheet HTML 16Page - Analog Devices AD8620 Datasheet HTML 17Page - Analog Devices AD8620 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. D
–14–
AD8610/AD8620
supplies of
±5 V. Figures 24 and 25 compare the load current
versus output voltage of AD8610/AD8620 and OPA627.
LOAD CURRENT – A
10
0.1
0.00001
1
1
0.0001
0.001
0.01
0.1
VEE
VCC
Figure 24. AD8610 Dropout from
±13 V vs. Load Current
LOAD CURRENT – A
10
0.1
0.00001
1
1
0.0001
0.001
0.01
0.1
VEE
VCC
Figure 25. OPA627 Dropout from
±15 V vs. Load Current
Although operating conditions imposed on the AD8610 (
±13 V)
are less favorable than the OPA627 (
±15 V), it can be seen that the
AD8610 has much better drive capability (lower headroom to the
supply) for a given load current.
Operating with Supplies Greater than
±13 V
The AD8610 maximum operating voltage is specified at
±13 V.
When
±13 V is not readily available, an inexpensive LDO can
provide
±12 V from a nominal ±15 V supply.
Input Offset Voltage Adjustment
Offset of AD8610 is very small and normally does not require
additional offset adjustment. However, the offset adjust pins can
be used as shown in Figure 26 to further reduce the dc offset. By
using resistors in the range of 50 k
Ω, offset trim range is ±3.3 mV.
R1
2
3
7
5
+VS
VOUT
4
6
–VS
1
AD8610
Figure 26. Offset Voltage Nulling Circuit
Programmable Gain Amplifier (PGA)
The combination of low noise, low input bias current, low input
offset voltage, and low temperature drift make the AD8610 a
perfect solution for programmable gain amplifiers. PGAs are often
used immediately after sensors to increase the dynamic range of
the measurement circuit. Historically, the large ON resistance of
switches, combined with the large IB currents of amplifiers,
created a large dc offset in PGAs. Recent and improved monolithic
switches and amplifiers completely remove these problems. A PGA
discrete circuit is shown in Figure 27. In Figure 27, when the 10 pA
bias current of the AD8610 is dropped across the (<5
Ω) R
ON of
the switch, it results in a negligible offset error.
When high precision resistors are used, as in the circuit of Figure 27,
the error introduced by the PGA is within the 1/2 LSB requirement
for a 16-bit system.
Y0
Y1
Y2
Y3
G
A
B
5
IN1
S1
D1
10k
10k
1k
–5V
+5V
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
ADG452
3
2
14
15
11
10
6
7
VL
VDD
13
12
1
16
9
8
74HC139
VSS
4
GND
5
VOUT
1k
100
11
5pF
100
VIN
G = 1
G = 10
G = 100
G = 1000
+5V
+5V
AD8610
U10
A0
A1
–5V
Figure 27. High Precision PGA
1. Room temperature error calculation due to RON and IB:
∆Ω
∆
∆
VI
R
Total Offset
Offset
V
Total Offset
Offset Trimmed
V
Total Offset
OS
B
ON
OS
OS
=×
=
×
=
=+
=+
=+
≅
25
10
510
5
pA
pV
()
(_
)
VpV
V
AD8610
AD8610
µµ
2. Full temperature error calculation due to RON and IB:
∆
Ω
VI
R
OS
B
ON
(C)
(
C)
(C)
pA
.
nV
@@
@
85
85
85
250
15
3 75
°=
°
×
°=
×=
3. Temperature coefficient of switch and AD8610/AD8620
combined is essentially the same as the TCVOS of the AD8610:
∆∆
∆∆
∆∆
∆∆
VT total
V
T
V
T I
R
VT total
OS
OS
OS
B
ON
OS
/(
)
/
(
)
/
(
)
/(
)
.
V/ C
.
nV/ C
.V/ C
=+
×
=° +
° ≅°
AD8610
05
006
0 5
µµ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com