Electronic Components Datasheet Search
  English  ▼

X  

ADNS2051 Datasheet(PDF) 28 Page - Agilent(Hewlett-Packard)

Part # ADNS2051
Description  Optical Mouse Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS2051 Datasheet(HTML) 28 Page - Agilent(Hewlett-Packard)

Back Button ADNS2051 Datasheet HTML 24Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 25Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 26Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 27Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 28Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 29Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 30Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 31Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 32Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
Registers
The ADNS-2051 can be programmed through registers, via the serial port, and configuration and motion
data can be read from these registers.
Address
Register
0x00
Product_ID
0x01
Revision_ID
0x02
Motion
0x03
Delta_X
0x04
Delta_Y
0x05
SQUAL
Address
Register
0x06
Average_Pixel
0x07
Maximum_Pixel
0x08
Reserved
0x09
Reserved
0x0a
Configuration_bits
0x0b
Reserved
Address
Register
0x0c
Data_Out_Lower
0x0d
Data_Out_Upper
0x0e
Shutter_Lower
0x0f
Shutter_Upper
0x10
Frame_Period_Lower
0x11
Frame_Period_Upper
Bit
76
5
4
32
10
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Data Type: Eight bit number with the product identifier.
USAGE: The value in this register does not change, it can be used to verify
that the serial communications link is OK.
Product_ID
Address: 0x00
Access: Read
Reset Value: 0x02
Bit
76
5
4
32
10
Field
RID7
RID6
RID5
RID4
RID3
RID2
RID1
RID0
Data Type: Eight bit number with current revision of the IC.
USAGE: NN is a value between 00 and FF which represent the current design
revision of the device.
Revision_ID
Address: 0x01
Access: Read
Reset Value: 0xNN
Bit
7
6
5
4
3
2
1
0
Field
MOT
Reserved
FAULT
OVFY
OVFX
Reserved
Reserved
RES
Data Type: Bit field
USAGE: Register 0x02 allows the user to determine if motion has occurred since the last time it was read. If so, then the
user should read registers 0x03 and 0x04 to get the accumulated motion. It also tells if the motion buffers have
overflowed and whether or not an LED fault occurred since the last reading. The current resolution is also shown.
Motion
Address: 0x02
Access: Read
Reset Value: 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com