Electronic Components Datasheet Search
  English  ▼

X  

ADNS2051 Datasheet(PDF) 29 Page - Agilent(Hewlett-Packard)

Part # ADNS2051
Description  Optical Mouse Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS2051 Datasheet(HTML) 29 Page - Agilent(Hewlett-Packard)

Back Button ADNS2051 Datasheet HTML 25Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 26Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 27Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 28Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 29Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 30Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 31Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 32Page - Agilent(Hewlett-Packard) ADNS2051 Datasheet HTML 33Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
Field Name
Description
MOT
Motion since last report or PD
0 = No motion
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
Reserved
Reserved for future
FAULT
LED Fault detected – set when R_BIN is too low or too high, shorts to VDD or Ground
0 = No fault
1 = Fault detected
OVFY
Motion overflow Y,
∆Y buffer has overflowed since last report
0 = No overflow
1 = Overflow has occurred
OVFX
Motion overflow X,
∆X buffer has overflowed since last report
0 = No overflow
1 = Overflow has occurred
Reserved
Reserved for future
Reserved
Reserved for future
RES
Resolution in counts per inch
0 = 400
1 = 800
Notes for Motion:
1. Reading this register freezes the Delta_X and Delta_Y register values. Read this register before reading the Delta_X and Delta_Y registers. If
Delta_X and Delta_Y are not read before the motion register is read a second time, the data in Delta_X and Delta_Y will be lost.
2. Agilent RECOMMENDS that registers 0x02, 0x03 and 0x04 be read sequentially.
3. Internal buffers can accumulate more than eight bits of motion for X or Y. If either one of the internal buffers overflows, then absolute path data
is lost, and the OVFX or OVFY bit is set. These bits (OVFX and OVFY) are cleared once some motion has been read from the Delta_X and Delta_Y
registers, and if the buffers are not at full scale. Since more data is present in the buffers, the cycle of reading the Motion, Delta_X and Delta_Y
registers should be repeated until the motion bit (MOT) is cleared. Until MOT is cleared, either the Delta_X or Delta_Y registers will read either
positive or negative full scale. If the motion register has not been read for a long time, at 400 cpi it may take up to 16 read cycles to clear the
buffers, at 800 cpi, up to 32 cycles.
4. FAULT is a sticky bit that is cleared by reading the Motion register. It signifies that an LED fault has occurred since the last time the motion
register was read. Once an LED fault has cleared, the hardware will drive the LED normally.
80
81
FE
FF
00
01
02
7E
7F
-128
-127
-2
-1
0
+1
+2
+126
+127
MOTION
DELTA_X
Bit
76
5
4
32
10
Field
X7
X6
X5
X4
X3
X2
X1
X0
Data Type: Eight bit 2‘s complement number.
USAGE: X movement is counts since last report. Absolute value is determined
by resolution. Reading clears the register.
Delta_X
Address: 0x03
Access: Read
Reset Value: 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com