Electronic Components Datasheet Search
  English  ▼

X  

AMC384XBDF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC384XBDF
Description  CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC384XBDF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC384XBDF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMC DOC. #: AMC3842B_C (LF)
AMC3842B/43B
March
2004
CURRENT MODE PWM CONTROLLER
Copyright
© 2002, ADD Microtech Corp.
2
www.addmtek.com
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Supply voltage, VCC
35V
Output current, IO
± 1A
Analog inputs, VI
-0.3V to 6.3V
Error amp output sink current, ISINK(EA)
10mA
Power dissipation (TA = 25
OC), PD
1W
Maximum juncture temperature, TJ
150
OC
Storage temperature range
-65
OC to 150OC
Lead temperature (soldiering, 10 seconds)
260
OC
Note 1:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
THERMAL DATA
M PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
95
OC/W
D PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
120
OC/W
DM PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
165
OC/W
Junction Temperature Calculation:
TJ = TA + (PD × θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com