Electronic Components Datasheet Search
  English  ▼

X  

AMC384XBDF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AMC384XBDF
Description  CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC384XBDF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMC384XBDF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AMC DOC. #: AMC3842B_C (LF)
AMC3842B/43B
March
2004
CURRENT MODE PWM CONTROLLER
Copyright
© 2002, ADD Microtech Corp.
6
www.addmtek.com
Application Information
Fig. 1. Current Sense Circuit
Peak current (IS) is set by: IS(MAX) = 1V/RS
Fig. 3. Oscillator Section
1.72
Fig. 2. Error Amplifier Configuration - the
amplifier can source or sink up to 0.5mA
For RT < 5K, f =
RTCT
Error
Amp
2R
1V
R
Current
Sense
Comparator
COMP
Rf
ISENSE
RS
Cf
GND
VREF
2.5V
0.5mA
Error
Amp
RT
RT/CT
VFB
Zi
CT
GND
COMP
Zf
Fig. 4. Open-loop laboratory test fixture: Careful grounding techniques are necessary for high peak
currents associated with capacitive loads. Timing and bypass capacitors should be connected to GND pin
in a single point ground. The transistor and 5K potentiometer are used to sample the oscillator waveform
and apply an adjustable ramp to the ISENSE pin
VREF
RT
VCC
2N2222
4.7K
100K
VREF
COMP
0.1
µF
1K
Error AMP
Adjust
1K,
1W
VFB
VCC
5K
ISENSE
Adjust
Output
ISENSE Output
4.7K
0.1
µF
RT/CT
GND
GND
CT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com