Electronic Components Datasheet Search
  English  ▼

X  

AMC384XBDF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AMC384XBDF
Description  CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC384XBDF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC384XBDF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AMC DOC. #: AMC3842B_C (LF)
AMC3842B/43B
March
2004
CURRENT MODE PWM CONTROLLER
Copyright
© 2002, ADD Microtech Corp.
3
www.addmtek.com
BLOCK DIAGRAM
( ) are 14 Pin S.O.I.C. pin number
7 (12)
VCC
Internal
Bias
U.V.L.O.
36V
VREF
2R
EN
5V
VREF
VREF
Good Logic
R
Oscillator
Error Amp
5 (9)
8 (14)
GND
7 (11) PWR
VC
Current
Sense
2 (3)
PWM
Latch
VFB
R
1V
OUTPUT
1 (1)
6 (10)
COMP
S
3 (5)
CURRENT
SENSE
4 (7)
RT/CT
T
PWR
GND
5 (8)
Note 2 :VCC and PWR VC are internally connected for 8 pin packages.
Note 3 :PWR GND and GND are internally connected for 8 pin packages.
Note 4 :U.V.L.O. is 16V for 3842B and 8.4V for 3843B.
Note 5 :Hysteresis is 6V for 3842B and 0.8V for 3843B.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com