Electronic Components Datasheet Search
  English  ▼

X  

AMC384XBDF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC384XBDF
Description  CURRENT MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC384XBDF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC384XBDF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC384XBDF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AMC DOC. #: AMC3842B_C (LF)
March
2004
AMC3842B/43B
DESCRIPTION
FEATURES
The AMC3842B/43B are fixed frequency current-mode
PWM controllers specially designed for OFF-Line switching
power supply and DC-to-DC converters with a minimum
number of external components. These devices feature a
trimmed oscillator for precise duty cycle control, a
temperature
compensated
reference,
high
gain
error
amplifier, current sensing comparator, and high current
totem pole output which is suitable for driving MOSFETs.
The under voltage lock-out (U.V.L.O.) is designed to
operated with 200
µA typ. start-up current, allowing an
efficient bootstrap supply voltage design. The U.V.L.O.
thresholds for the AMC3842B are 16V (on) and 10V (off)
which are ideal for off-line applications. The corresponding
typical threshold for the AMC3843B are 8.4V (on) and 7.6V
(off). The AMC3842B/43B can operated within 100% duty
cycle.
Low Start-Up current ( typ. 200µA)
Optimized for Off-Line and
DC-to-DC Converters
Maximum Duty Cycle
U.V.L.O. with Hysteresis
Operating Frequency Up to 500KHz
Internal Trimmed Bandgap Reference
High Current Totem Pole Output
Error Amplifier With Low Output
Resistance
Available in 8-Pin Plastic DIP and
Surface Mount 14-Pin S.O.I.C.
Identical pin assignment to earlier
UC384X series.
®
ADD MICROTECH CORP. CURRENT MODE PWM CONTROLLER
APPLICATIONS
PACKAGE PIN OUT
Off-line flyback or forward
converters.
DC-to-DC buck or boost
converter.
Monitor Power Supply
8-Pin Plastic DIP
(Top View)
AVAILABLE OPTIONS
Device
Start-UP
Voltage
Hysteresis
Max. Duty
Cycle
AMC3842B
16V
6V
< 100%
AMC3843B
8.4V
0.8V
< 100%
14-Pin Plastic S.O.I.C.
Surface Mount
(Top View)
8-Pin Plastic S.O.I.C.
Surface Mount
(Top View)
VREF
COMP
VCC
VFB
ISENSE
OUTPUT
RT/CT
GND
VREF
COMP
NC
VCC
NC
VREF
COMP
VFB
VFB
VCC
VC
NC
ISENSE
ISENSE
OUTPUT
OUTPUT
RT/CT
GND
NC
GND
RT/CT
PWR
ORDER INFORMATION
Plastic DIP-8
Plastic SO-14
Plastic SO-8
TA (
OC)
M
8-pin
D
14-pin
DM
8-pin
0 to 70
AMC384XBM
AMC384XBD
AMC384XBDM
0 to 70
AMC384XBMF(Lead Free)
AMC384XBDF(Lead Free)
AMC384XBDMF(Lead Free)
Note:
1.All surface-mount packages are available in Tape & Reel.
Append the letter “T” to part number (i.e.
AMC384XBDT, or AMC384XBDMT).
2.The letter ”F” is marked for Lead Free process.
Copyright
© 2002, ADD Microtech Corp.
1
www.addmtek.com


Similar Part No. - AMC384XBDF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC384XBD ADDTEK-AMC384XBD Datasheet
216Kb / 11P
CURRENT MODE PWM CONTROLLER
OCTOBER 2006
AMC384XBDM ADDTEK-AMC384XBDM Datasheet
216Kb / 11P
CURRENT MODE PWM CONTROLLER
OCTOBER 2006
More results

Similar Description - AMC384XBDF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC2846J TI-UC2846J Datasheet
463Kb / 8P
Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com