Electronic Components Datasheet Search
  English  ▼

X  

FD1600 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # FD1600
Description  Chopper applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD1600 Datasheet(HTML) 4 Page - Infineon Technologies AG

  FD1600 Datasheet HTML 1Page - Infineon Technologies AG FD1600 Datasheet HTML 2Page - Infineon Technologies AG FD1600 Datasheet HTML 3Page - Infineon Technologies AG FD1600 Datasheet HTML 4Page - Infineon Technologies AG FD1600 Datasheet HTML 5Page - Infineon Technologies AG FD1600 Datasheet HTML 6Page - Infineon Technologies AG FD1600 Datasheet HTML 7Page - Infineon Technologies AG FD1600 Datasheet HTML 8Page - Infineon Technologies AG FD1600 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
TechnischeInformation/TechnicalInformation
FD1600/1200R17HP4-K_B2
IGBT-Modul
IGBT-Module
preparedby:WB
approvedby:IB
dateofpublication:2016-01-21
revision:V3.1
Diode,Revers/Diode,Reverse
HöchstzulässigeWerte/MaximumRatedValues
PeriodischeSpitzensperrspannung
Repetitivepeakreversevoltage
Tvj = -40°C
Tvj = 25°C
Tvj = 150°C
VRRM

1570
1700
1700
 V
Dauergleichstrom
ContinuousDCforwardcurrent
IF

1200
 A
PeriodischerSpitzenstrom
Repetitivepeakforwardcurrent
tP = 1 ms
IFRM

2400
 A
Grenzlastintegral
I²t-value
VR = 0 V, tP = 10 ms, Tvj = 125°C
VR = 0 V, tP = 10 ms, Tvj = 150°C
I²t

140
130
 kA²s
kA²s
Spitzenverlustleistung
Maximumpowerdissipation
Tvj = 125°C
PRQM

1200
 kW
Mindesteinschaltdauer
Minimumturn-ontime
ton min

10,0
 µs
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Durchlassspannung
Forwardvoltage
IF = 1200 A, VGE = 0 V
IF = 1200 A, VGE = 0 V
IF = 1200 A, VGE = 0 V
VF
1,80
1,90
1,95
2,20
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Rückstromspitze
Peakreverserecoverycurrent
IF = 1200 A, - diF/dt = 7700 A/µs (Tvj=150°C)
VR = 900 V
IRM
1250
1350
1400
A
A
A
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Sperrverzögerungsladung
Recoveredcharge
IF = 1200 A, - diF/dt = 7700 A/µs (Tvj=150°C)
VR = 900 V
Qr
280
460
510
µC
µC
µC
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltenergieproPuls
Reverserecoveryenergy
IF = 1200 A, - diF/dt = 7700 A/µs (Tvj=150°C)
VR = 900 V
Erec
180
300
345
mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proDiode/perdiode
RthJC
31,9 K/kW
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proDiode/perdiode
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH
32,5
K/kW
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions
Tvj op
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com