Electronic Components Datasheet Search
  English  ▼

X  

FD1600 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # FD1600
Description  Chopper applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD1600 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button FD1600 Datasheet HTML 3Page - Infineon Technologies AG FD1600 Datasheet HTML 4Page - Infineon Technologies AG FD1600 Datasheet HTML 5Page - Infineon Technologies AG FD1600 Datasheet HTML 6Page - Infineon Technologies AG FD1600 Datasheet HTML 7Page - Infineon Technologies AG FD1600 Datasheet HTML 8Page - Infineon Technologies AG FD1600 Datasheet HTML 9Page - Infineon Technologies AG FD1600 Datasheet HTML 10Page - Infineon Technologies AG FD1600 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
TechnischeInformation/TechnicalInformation
FD1600/1200R17HP4-K_B2
IGBT-Modul
IGBT-Module
preparedby:WB
approvedby:IB
dateofpublication:2016-01-21
revision:V3.1
SchaltverlusteIGBT-Chopper(typisch)
switchinglossesIGBT-Chopper(typical)
Eon=f(RG),Eoff=f(RG)
VGE=±15V,IC=1600A,VCE=900V
RG [
Ω]
0,0 1,0 2,0 3,0 4,0 5,0 6,0 7,0 8,0 9,0 10,0 11,0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
3200
3400
Eon, Tvj = 125°C
Eon, Tvj = 150°C
Eoff, Tvj = 125°C
Eoff, Tvj = 150°C
TransienterWärmewiderstandIGBT-Chopper
transientthermalimpedanceIGBT-Chopper
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
0,1
1
10
100
ZthJC : IGBT
i:
ri[K/kW]:
τi[s]:
1
2,2
0,0016
2
6,28
0,037
3
2,1
0,348
4
1,02
5,9
SichererRückwärts-ArbeitsbereichIGBT-Chopper(RBSOA)
reversebiassafeoperatingareaIGBT-Chopper(RBSOA)
IC=f(VCE)
VGE=±15V,RGoff=0.6
Ω,Tvj=150°C
VCE [V]
0
200
400
600
800 1000 1200 1400 1600 1800
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
IC, Modul
IC, Chip
DurchlasskennliniederDiode,Brems-Chopper(typisch)
forwardcharacteristicofDiode,Brake-Chopper(typical)
IF=f(VF)
VF [V]
0,0 0,2 0,4 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4
0
400
800
1200
1600
2000
2400
2800
3200
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com