Electronic Components Datasheet Search
  English  ▼

X  

FD1600 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FD1600
Description  Chopper applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD1600 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FD1600 Datasheet HTML 1Page - Infineon Technologies AG FD1600 Datasheet HTML 2Page - Infineon Technologies AG FD1600 Datasheet HTML 3Page - Infineon Technologies AG FD1600 Datasheet HTML 4Page - Infineon Technologies AG FD1600 Datasheet HTML 5Page - Infineon Technologies AG FD1600 Datasheet HTML 6Page - Infineon Technologies AG FD1600 Datasheet HTML 7Page - Infineon Technologies AG FD1600 Datasheet HTML 8Page - Infineon Technologies AG FD1600 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
TechnischeInformation/TechnicalInformation
FD1600/1200R17HP4-K_B2
IGBT-Modul
IGBT-Module
preparedby:WB
approvedby:IB
dateofpublication:2016-01-21
revision:V3.1
ULapproved(E83335)
IHM-BModulmitChopperKonfiguration
IHM-Bmodulewithchopperconfiguration
VCES = 1700V
IC nom = 1600A / ICRM = 3200A
TypischeAnwendungen
TypicalApplications
•
•
Chopper-Anwendungen
Chopperapplications
•
•
Hochleistungsumrichter
Highpowerconverters
•
•
Traktionsumrichter
Tractiondrives
•
•
Windgeneratoren
Windturbines
ElektrischeEigenschaften
ElectricalFeatures
•
•
ErweiterteSperrschichttemperaturTvjop
ExtendedoperatingtemperatureTvjop
•
•
NiedrigesVCEsat
LowVCEsat
MechanischeEigenschaften
MechanicalFeatures
•
•
4kVAC1minIsolationsfestigkeit
4kVAC1mininsulation
•
•
AlSiC Bodenplatte für erhöhte thermische
Lastwechselfestigkeit
AlSiC base plate for increased thermal cycling
capability
•
•
GehäusemitCTI>400
PackagewithCTI>400
•
•
GroßeLuft-undKriechstrecken
Highcreepageandclearancedistances
•
•
HoheLast-undthermischeWechselfestigkeit
Highpowerandthermalcyclingcapability
•
•
HoheLeistungsdichte
Highpowerdensity
•
•
IHMBGehäuse
IHMBhousing
ModuleLabelCode
BarcodeCode128
DMX-Code
ContentoftheCode
Digit
ModuleSerialNumber
1-5
ModuleMaterialNumber
6-11
ProductionOrderNumber
12-19
Datecode(ProductionYear)
20-21
Datecode(ProductionWeek)
22-23


Similar Part No. - FD1600

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD1600-1200R17HP4-K_B2 INFINEON-FD1600-1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
FD1600-1200R17HP4_B2 INFINEON-FD1600-1200R17HP4_B2 Datasheet
616Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-19
FD1600/1200R17HP4-K_B2 INFINEON-FD1600/1200R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
FD1600R17HP4-K_B2 INFINEON-FD1600R17HP4-K_B2 Datasheet
611Kb / 12P
Technische Information / Technical Information
2016-01-21 revision:V3.1
FD1600R17HP4-K_B2 INFINEON-FD1600R17HP4-K_B2 Datasheet
617Kb / 12P
IHM-B Modul mit Chopper Konfiguration
revision: V3.1 2016-01-21
More results

Similar Description - FD1600

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG75Q1JS40 TOSHIBA-MG75Q1JS40 Datasheet
249Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, CHOPPER APPLICATIONS)
2SK3466 TOSHIBA-2SK3466_06 Datasheet
187Kb / 6P
Silicon N Channel MOS Type Chopper Regulator Applications
2SK1489 TOSHIBA-2SK1489_09 Datasheet
393Kb / 6P
Chopper Regulator Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK3313 TOSHIBA-2SK3313_10 Datasheet
420Kb / 6P
Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK3314 TOSHIBA-2SK3314_10 Datasheet
418Kb / 6P
Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK3466 TOSHIBA-2SK3466_10 Datasheet
182Kb / 6P
Chopper Regulator Applications
TJ120F06J3 TOSHIBA-TJ120F06J3 Datasheet
223Kb / 7P
Chopper Regulator, DC-DC Converter Applications Motor Drive Applications
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK11 TOSHIBA-2SK11 Datasheet
89Kb / 1P
CHOPPER SWITCHING APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com