Electronic Components Datasheet Search
  English  ▼

X  

FD1600 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # FD1600
Description  Chopper applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD1600 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button FD1600 Datasheet HTML 4Page - Infineon Technologies AG FD1600 Datasheet HTML 5Page - Infineon Technologies AG FD1600 Datasheet HTML 6Page - Infineon Technologies AG FD1600 Datasheet HTML 7Page - Infineon Technologies AG FD1600 Datasheet HTML 8Page - Infineon Technologies AG FD1600 Datasheet HTML 9Page - Infineon Technologies AG FD1600 Datasheet HTML 10Page - Infineon Technologies AG FD1600 Datasheet HTML 11Page - Infineon Technologies AG FD1600 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
TechnischeInformation/TechnicalInformation
FD1600/1200R17HP4-K_B2
IGBT-Modul
IGBT-Module
preparedby:WB
approvedby:IB
dateofpublication:2016-01-21
revision:V3.1
SchaltverlusteDiode,Brems-Chopper(typisch)
switchinglossesDiode,Brake-Chopper(typical)
Erec=f(IF)
RGon=1.1
Ω,VCE=900V
IF [A]
0
400
800
1200 1600 2000 2400 2800 3200
100
200
300
400
500
600
700
800
Erec, Tvj = 125°C
Erec, Tvj = 150°C
SchaltverlusteDiode,Brems-Chopper(typisch)
switchinglossesDiode,Brake-Chopper(typical)
Erec=f(RG)
IF=1600A,VCE=900V
RG [
Ω]
0,0 1,0 2,0 3,0 4,0 5,0 6,0 7,0 8,0 9,0 10,0 11,0
100
200
300
400
500
600
700
Erec, Tvj = 125°C
Erec, Tvj = 150°C
TransienterWärmewiderstandDiode,Brems-Chopper
transientthermalimpedanceDiode,Brake-Chopper
ZthJC=f(t)
t [s]
0,001
0,01
0,1
1
10
1
10
100
ZthJC : Diode
i:
ri[K/kW]:
τi[s]:
1
3,52
0,00141
2
7,79
0,0309
3
3,16
0,233
4
1,43
5,4
SichererArbeitsbereichDiode,Brems-Chopper(SOA)
safeoperationareaDiode,Brake-Chopper(SOA)
IR=f(VR)
Tvj=150°C
VR [V]
0
200
400
600
800 1000 1200 1400 1600 1800
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
IR, Modul



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com