Electronic Components Datasheet Search
  English  ▼

X  

ICS952703 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS952703
Description  Programmable Timing Control Hub for K7 System
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952703 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS952703 Datasheet HTML 1Page - Integrated Circuit Systems ICS952703 Datasheet HTML 2Page - Integrated Circuit Systems ICS952703 Datasheet HTML 3Page - Integrated Circuit Systems ICS952703 Datasheet HTML 4Page - Integrated Circuit Systems ICS952703 Datasheet HTML 5Page - Integrated Circuit Systems ICS952703 Datasheet HTML 6Page - Integrated Circuit Systems ICS952703 Datasheet HTML 7Page - Integrated Circuit Systems ICS952703 Datasheet HTML 8Page - Integrated Circuit Systems ICS952703 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS952703
Preliminary Product Preview
0813B—05/17/05
Table1: Frequency Selection Table
Bit3
Bit2
Bit1
Bit0
CPU
SRC
ZCLK
AG P
PCI
Spread %
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
MHz
0
0
0
0
0
200.00
100.00
133.33
66.66
33.33
0.5% down
0
0
0
0
1
200.01
100.00
133.34
66.67
33.33
0.35% c enter
0
0
0
1
0
200.97
100.00
133.98
66.99
33.49
0.35% c enter
0
0
0
1
1
190.11
100.00
126.74
63.37
31.69
0.35% c enter
0
0
1
0
0
100.00
100.00
133.33
66.66
33.33
0.5% down
0
0
1
0
1
100.00
100.00
133.34
66.67
33.33
0.35% c enter
0
0
1
1
0
100.99
100.00
134.66
67.33
33.66
0.35% c enter
0
0
1
1
1
95.00
100.00
126.66
63.33
31.67
0.35% c enter
0
1
0
0
0
166.66
100.00
133.33
66.66
33.33
0.5% down
0
1
0
0
1
166.65
100.00
133.32
66.66
33.33
0.35% c enter
0
1
0
1
0
161.59
100.00
129.27
64.64
32.32
0.35% c enter
0
1
0
1
1
151.97
100.00
121.57
60.79
30.39
0.35% c enter
0
1
1
0
0
133.33
100.00
133.33
66.66
33.33
0.5% down
0
1
1
0
1
133.34
100.00
133.34
66.67
33.33
0.35% c enter
0
1
1
1
0
133.98
100.00
133.98
66.99
33.49
0.35% c enter
0
1
1
1
1
126.66
100.00
126.66
63.33
31.67
0.35% c enter
1
0
0
0
0
206.02
100.00
137.35
68.67
34.34
0.35% c enter
1
0
0
0
1
210.00
100.00
140.00
70.00
35.00
0.35% c enter
1
0
0
1
0
214.06
100.00
142.70
71.35
35.68
0.35% c enter
1
0
0
1
1
217.90
100.00
145.27
72.63
36.32
0.35% c enter
1
0
1
0
0
103.01
100.00
137.35
68.67
34.34
0.35% c enter
1
0
1
0
1
105.00
100.00
140.00
70.00
35.00
0.35% c enter
1
0
1
1
0
106.99
100.00
142.65
71.33
35.66
0.35% c enter
1
0
1
1
1
109.01
100.00
145.35
72.68
36.34
0.35% c enter
1
1
0
0
0
164.66
100.00
131.73
65.86
32.93
0.35% c enter
1
1
0
0
1
167.91
100.00
134.33
67.17
33.58
0.35% c enter
1
1
0
1
0
171.22
100.00
136.98
68.49
34.24
0.35% c enter
1
1
0
1
1
174.38
100.00
139.50
69.75
34.88
0.35% c enter
1
1
1
0
0
137.32
100.00
137.32
68.66
34.33
0.35% c enter
1
1
1
0
1
140.00
100.00
140.00
70.00
35.00
0.35% c enter
1
1
1
1
0
142.67
100.00
142.67
71.34
35.67
0.35% c enter
111
1
1
145.33
100.00
145.33
72.66
36.33
0.35% c enter
Bit4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com