Electronic Components Datasheet Search
  English  ▼

X  

CMMMW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMMMW
Description  4:1 Input Voltage Ranges 18~30 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMMW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMMMW Datasheet HTML 1Page - Wall Industries,Inc. CMMMW Datasheet HTML 2Page - Wall Industries,Inc. CMMMW Datasheet HTML 3Page - Wall Industries,Inc. CMMMW Datasheet HTML 4Page - Wall Industries,Inc. CMMMW Datasheet HTML 5Page - Wall Industries,Inc. CMMMW Datasheet HTML 6Page - Wall Industries,Inc. CMMMW Datasheet HTML 7Page - Wall Industries,Inc. CMMMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMMW Series
4:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
FEATURES
● Soft Start
● Output Trim
● Single Output
● 1500VDC Isolation
● Efficiency up to 89%
● Remote On/Off Control
● MTBF > 1,000,000 Hours
● CSA1950 Safety Approval
● 4:1 Wide Input Voltage Range
● Complies with EN55022 Class A
● Call Factory for More Output Power Options
● Short Circuit, Over Voltage, and Over Temperature Protected
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
DESCRIPTION
The CMMMW series of chassis mount DC/DC converters offers up to 30 watts of output power. These converters operate over input
voltage ranges of 10-40VDC and 18-75VDC. This series also provides regulated single outputs of 3.3, 5, 12, and 15VDC. Other features
include remote on/off control, output trim function, and efficiencies up to 89%. All models are over voltage, over temperature and short
circuit protected. The EN55022 Class A conducted noise compliance minimizes design time, cost, and eliminates the need for external filter
components. These converters are best suited for data communication equipment, mobile battery driven equipment, distributed power
systems, telecommunications equipment, mixed analog/digital subsystems, process/machine control equipment, computer peripheral
systems, and industrial robot systems. Chassis mounts come in open frame, U channel, and enclosed types.
SPECIFICATIONS: CMMMW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage Range
24V nominal input models
10
24
40
VDC
48V nominal input models
18
48
75
VDC
Start Voltage
24V nominal input models
9.4
9.7
10
VDC
48V nominal input models
17
17.5
18
VDC
Under Voltage Shutdown
24V nominal input models
9
9.3
9.5
VDC
48V nominal input models
16
16.5
17
VDC
Reverse Polarity Input Current
All models
2
A
Short Circuit Input Power
4500
mW
Input Surge Voltage
24V nominal input models
-0.7
50
VDC
48V nominal input models
-0.7
100
VDC
OUTPUT (Vo)
Output Voltage
See Table
Output Voltage Accuracy
±0.5
±1.0
%
Output Trim
% of nominal output
±9.0
±10.0
±11.0
%
Load Regulation
Io = 50% to 100%
±0.3
±1.0
%
Line Regulation
Vin = min. to max.
±0.2
±0.5
%
Output Power
30
W
Output Current Range
See Table
Ripple & Noise (20MHz)
55
80
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Over Load, and Over Temperature
100
mVpk-pk
Ripple & Noise (20MHz)
10
mVrms
Transient Recovery Time
25% load step change
150
300
μs
Transient Response Deviation
±2
±4
%
Temperature Coefficient
±0.01
±0.02
%/°C
REMOTE ON/OFF
Supply On
2.5 to 100VDC or Open Circuit
Supply Off
-1
1
VDC
Standby Input Current
2
5
mA
Control Input Current (On)
Vin – RC = 5.0V
5
μA
Control Input Current (Off)
Vin – RC = 0V
-100
μA
Control Common
Referenced to negative input
PROTECTION
Over Power Protection
120
180
%
Short Circuit Protection
Continuous
Over Voltage Protection
See Table
Over Temperature Protection
Case Temperature, automatic
107
112
117
°C


Similar Part No. - CMMMW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
CMMM12S12-2500 WALL-CMMM12S12-2500 Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
CMMM12S15-2000 WALL-CMMM12S15-2000 Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
CMMM12S3.3-5500 WALL-CMMM12S3.3-5500 Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
CMMM12S5-5000 WALL-CMMM12S5-5000 Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
More results

Similar Description - CMMMW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
CMMM WALL-CMMM Datasheet
272Kb / 7P
2:1 Input Voltage Ranges 18~30 Watt
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
logo
CINCON ELECTRONICS Corp...
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com